Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED75KB30 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SED75KB30
Description  75 AMP 30 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED75KB30 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SED75KB30 Datasheet HTML 1Page - Solid States Devices, Inc SED75KB30 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
50
100
150
200
PRELIMINARY
SOLID STATE DEVICES, INC.
CASE OUTLINE:
P/N SED75KB30
Electrical Characteristics
SYMBOL
UNITS
VALUE
SED75KB30
SED75KE30
CASE OUTLINE:
P/N SED75KE30
pF
Junction Capacitance
(VR = 5VDC, TA = 25oC, f = 1MHz)
4600
CJ
Reverse Leakage Current
(Rated VR , 300 :sec pulse minimum)
2
450
mA
IR1
IR2
VF3
VDC
0.45
Instantaneous Forward Voltage Drop
(IF = 50ADC, TA =+125oC, 300 :s Pulse)
Instantaneous Forward Voltage Drop
(TA = 25oC, 300 :s Pulse)
VDC
0.52
0.60
VF1
VF2
TYPICAL OPERATING CURVES
(TA = 25oC unless otherwise specified)
100oC
CASE TEMPERATURE (oC)
IF = 50ADC
IF = 75ADC
TA = 25oC
TA = 125oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com