Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED75KB30 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SED75KB30
Description  75 AMP 30 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED75KB30 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SED75KB30 Datasheet HTML 1Page - Solid States Devices, Inc SED75KB30 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Hermetically Sealed Power Surface Mount Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175oC Operating Temperature
• TX, TXV and Space Level Screening Available
75 AMP
30 VOLTS
SCHOTTKY
RECTIFIER
SEDPACK 2
SED75KB30
SED75KE30
Maximum Ratings
30
600
Amps
75
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
R2JC
0.8
Peak Repetitive Reverse and DC Blocking Voltage
Maximum Thermal Resistance
Junction to Case
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TC= 100oC)
o
C/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0019B
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25oC)
o
C
-55 TO +175
Top & Tstg
Operating and Storage Temperature


Similar Part No. - SED75KB30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED75KB30 SSDI-SED75KB30 Datasheet
38Kb / 2P
SCHOTTKY RECTIFIER
SED75KB30 SSDI-SED75KB30_1 Datasheet
38Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SED75KB30

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8230EL MCC-FST8230EL Datasheet
113Kb / 2P
80 Amp Rectifier 30 Volts Schottky Barrier
MBR30150FCT MCC-MBR30150FCT Datasheet
114Kb / 3P
30 Amp Schottky Barrier Rectifier 150 Volts
MBR30150PT MCC-MBR30150PT Datasheet
420Kb / 4P
30 Amp Power Schottky Rectifier 150 Volts
logo
Solid States Devices, I...
SED75KB45 SSDI-SED75KB45 Datasheet
33Kb / 2P
75 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED150LB30 SSDI-SED150LB30 Datasheet
185Kb / 2P
150 AMP 30 VOLTS SCHOTTKY RECTIFIER
SED110LB30 SSDI-SED110LB30 Datasheet
59Kb / 2P
110 AMP 30 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
B0530WS MCC-B0530WS Datasheet
314Kb / 4P
0.5 Amp Schottky Rectifier 30 Volts
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
30 Amp Schottky Barrier Rectifier 45 Volts
ST30100C MCC-ST30100C Datasheet
251Kb / 2P
30 Amp Schottky Barrier Rectifier 100 Volts
B0530WS MCC-B0530WS_13 Datasheet
330Kb / 4P
0.5 Amp Schottky Rectifier 30 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com