Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1640A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR1640A
Description  15 AMP 40 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1640A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR1640A Datasheet HTML 1Page - Solid States Devices, Inc SSR1640A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
VF4
VDC
0.64
Instantaneous Forward Voltage Drop
(IF = 15ADC, TA = -55 oC, 300:s Pulse)
SSR1640A
mA
Reverse Leakage Current
Rated VR , TA= 100 oC
200
IR2
pF
800
CJ
Junction Capacitance
(VR = 5VDC, TA = 25oC, f = 1MHz)
Reverse Leakage Current
Rated VR , TA= 25 oC
IR1
mA
CASE OUTLINE:
Electrical Characteristics
SYMBOL
UNITS
VALUE
VF1
VF2
VF3
0.45
0.55
0.62
Instantaneous Forward Voltage Drop
(IF = 5ADC, TA = 25 oC, 300:s Pulse)
(IF = 10ADC, TA = 25 oC, 300:s Pulse)
(IF = 15ADC, TA = 25 oC, 300:s Pulse)
VDC
For Thermal derating and other characteristic curves please contact SSDI Marketing Department.
Tolerances (Unless otherwise specified)
XX: ±.01"
XXX: ±.005"
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com