Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1640A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1640A
Description  15 AMP 40 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1640A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1640A Datasheet HTML 1Page - Solid States Devices, Inc SSR1640A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
15 AMP
40 VOLTS
SCHOTTKY
RECTIFIER
SEDPACK 1 WITH LEADS
SSR1640A
Maximum Ratings
40
o
C
-55 TO +175
TJ(PK)
300
Amps
15
Amps
Io
IFSM(surge)
Volts
SYMBOL
UNITS
VALUE
VRM(rep)
VR
R2JC
3.0
Peak Repetitive Reverse and DC Blocking Voltage
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TC = 55oC)
Operating Junction Temperature
Maximum Thermal Resistance
Junction to Case
Half Wave Rectified Forward Current
Averaged over Full Cycle
(Resistive Load, 60Hz, Sine Wave, TC= 25 oC
o
C/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0020A
• Extremely Low Forward Voltage Drop
450mV max at 5 Amps
• PIV of 40 Volts
• High Reliability Construction
• Hermetically Sealed
• Surge Capability of 300 Amps
•TJ and Tstg 175oC
• TX, TXV and Space Level Screening Available
Volts
28
Vr
RMS Reverse Voltage


Similar Part No. - SSR1640A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1645 SSDI-SSR1645 Datasheet
200Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-5 SSDI-SSR1645-5 Datasheet
198Kb / 2P
10 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-59 SSDI-SSR1645-59 Datasheet
208Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645/5 SSDI-SSR1645/5 Datasheet
198Kb / 2P
10 AMP 45 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR1640A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED15HB60 SSDI-SED15HB60 Datasheet
219Kb / 2P
15 AMP 60 VOLTS SCHOTTKY RECTIFIER
SSR4010N SSDI-SSR4010N Datasheet
174Kb / 2P
40 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR4045 SSDI-SSR4045 Datasheet
209Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR4045-61 SSDI-SSR4045-61 Datasheet
201Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR4045-3 SSDI-SSR4045-3 Datasheet
201Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR4045M SSDI-SSR4045M Datasheet
210Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1040G SSDI-SSR1040G Datasheet
86Kb / 2P
10 AMP 40 VOLTS SCHOTTKY RECTIFIER
SSR2040-59 SSDI-SSR2040-59 Datasheet
197Kb / 2P
20 AMP 40 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
B0540W MCC-B0540W Datasheet
321Kb / 2P
0.5 Amp Schottky Rectifier 40 Volts
B0540WS MCC-B0540WS Datasheet
400Kb / 4P
0.5 Amp Schottky Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com