Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED70KB30 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SED70KB30
Description  70 AMP 30 VOLTS LOW VF SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED70KB30 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SED70KB30 Datasheet HTML 1Page - Solid States Devices, Inc SED70KB30 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
50
100
150
200
SOLID STATE DEVICES, INC.
CASE OUTLINE:
P/N SED70KB30
Electrical Characteristics
SYMBOL
UNITS
VALUE
SED70KB30
SED70KE30
CASE OUTLINE:
P/N SED70KE30
pF
Junction Capacitance
(VR = 5VDC, TA = 25
oC, f = 1MHz)
4600
CJ
Reverse Leakage Current
(Rated VR , 300
:sec pulse minimum)
5
450
mA
IR1
IR2
VF3
VDC
0.42
Instantaneous Forward Voltage Drop
(IF = 70ADC, TA =+125
oC, 300
:s Pulse)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300
:s Pulse)
VDC
0.44
0.53
VF1
VF2
TYPICAL OPERATING CURVES
(TA = 25
oC unless otherwise specified)
100oC
CASE TEMPERATURE (oC)
IF = 30ADC
IF = 70ADC
TA = 25
oC
TA = 125
oC
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com