Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED70KB30 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SED70KB30
Description  70 AMP 30 VOLTS LOW VF SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED70KB30 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SED70KB30 Datasheet HTML 1Page - Solid States Devices, Inc SED70KB30 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Hermetically Sealed Power Surface Mount Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175oC Operating Temperature
• TX, TXV and Space Level Screening Available
• Lower Forward Voltage Drop than SED75KE30
• Lower Leakage than SED60KE25
70 AMP
30 VOLTS
LOW VF SCHOTTKY
RECTIFIER
SEDPACK 2
SED70KB30
SED70KE30
Maximum Ratings
30
600
Amps
70
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
R2JC
0.8
Peak Repetitive Reverse and DC Blocking Voltage
Maximum Thermal Resistance
Junction to Case
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TC= 100
oC)
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #:
SH0025A
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
oC)
o C
-55 TO +175
Top & Tstg
Operating and Storage Temperature
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SED70KB30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED75KB30 SSDI-SED75KB30 Datasheet
57Kb / 2P
75 AMP 30 VOLTS SCHOTTKY RECTIFIER
SED75KB30 SSDI-SED75KB30 Datasheet
38Kb / 2P
SCHOTTKY RECTIFIER
SED75KB30 SSDI-SED75KB30_1 Datasheet
38Kb / 2P
SCHOTTKY RECTIFIER
SED75KB45 SSDI-SED75KB45 Datasheet
33Kb / 2P
75 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED75KB45 SSDI-SED75KB45 Datasheet
67Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SED70KB30

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
B0520WTL MCC-B0520WTL Datasheet
326Kb / 3P
0.5 Amp Low VF Schottky Rectifier 20 Volts
B5818LWS MCC-B5818LWS Datasheet
254Kb / 2P
1 Amp Low VF Schottky Barrier Rectifier 30 Volts
MBR12U100L MCC-MBR12U100L_16 Datasheet
322Kb / 3P
12 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
MBRX0520L MCC-MBRX0520L_17 Datasheet
376Kb / 3P
0.5 Amp Low VF Schottky Rectifier 20 Volts
SL345A MCC-SL345A Datasheet
599Kb / 3P
3 Amp Low VF Schottky Rectifier 45 Volts
SMD33LHE1 MCC-SMD33LHE1 Datasheet
356Kb / 2P
3 Amp Low VF Schottky Rectifier 30 Volts
SMD34LHE1 MCC-SMD34LHE1 Datasheet
357Kb / 2P
3 Amp Low VF Schottky Rectifier 40 Volts
SR506L MCC-SR506L Datasheet
449Kb / 3P
5 Amp Low VF Schottky Rectifier 60 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com