Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR0340-4 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR0340-4
Description  3 AMP 40 VOLTS SCHOTTKY SMD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR0340-4 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR0340-4 Datasheet HTML 1Page - Solid States Devices, Inc SSR0340-4 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
25
50
75
100
125
150
175
SOLID STATE DEVICES, INC.
CASE OUTLINE: LCC4
PIN 1: Cathode
PIN 2: Anode
PIN 3: Anode
PIN 4: Cathode
Electrical Characteristics
SYMBOL
UNITS
MAXIMUM
SSR0340-4
pF
Junction Capacitance
(VR = 5VDC, TA = 25
oC, f = 1MHz)
300
CJ
Reverse Leakage Current
(Rated VR , 300
:sec pulse minimum)
0.1
10
mA
IR1
IR2
VF4
VF5
VF6
VDC
0.56
0.64
0.74
Instantaneous Forward Voltage Drop
(TA = -55
oC, 300
:s Pulse)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300
:s Pulse)
VDC
0.48
0.58
0.71
VF1
VF2
VF3
TYPICAL OPERATING CURVES
(TA = 25
oC unless otherwise specified)
118oC
IF = 1ADC
IF = 2ADC
IF = 3ADC
TA = 25
oC
TA = +100
oC
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
IF = 1ADC
IF = 2ADC
IF = 3ADC
CASE TEMPERATURE (oC)
VF7
VF8
VF9
VDC
0.40
0.53
0.66
Instantaneous Forward Voltage Drop
(TA = +100
oC, 300
:s Pulse)
IF = 1ADC
IF = 2ADC
IF = 3ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com