Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR0340-4 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR0340-4
Description  3 AMP 40 VOLTS SCHOTTKY SMD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR0340-4 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR0340-4 Datasheet HTML 1Page - Solid States Devices, Inc SSR0340-4 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
• Low Forward Voltage Drop: 0.48V
• Hermetically Sealed Surface Mount Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• TX, TXV and Space Level Screening Available
• 3 Amp Replacement for 1N5817, 1N5818, and 1N5819
• Higher Voltages Available; Contact Factory
3 AMP
40 VOLTS
SCHOTTKY
SMD RECTIFIER
LCC4
SSR0340-4
Maximum Ratings
40
60
Amps
3
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
R2JC
15
Peak Repetitive Reverse and DC Blocking Voltage
Maximum Thermal Resistance
Junction to Case
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 100
oC)
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #:
SH0027A
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
oC)
o C
-55 TO +150
Top & Tstg
Operating and Storage Temperature
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SSR0340-4

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR0340 SSDI-SSR0340 Datasheet
116Kb / 2P
SCHOTTKY SMD Rectifier
More results

Similar Description - SSR0340-4

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5820 MCC-1N5820 Datasheet
46Kb / 3P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
5820SM MCC-5820SM Datasheet
328Kb / 3P
3 Amp Schottky Rectifier 20 - 40 Volts
logo
Solid States Devices, I...
SSR4045M SSDI-SSR4045M Datasheet
210Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_11 Datasheet
483Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
SR302 MCC-SR302 Datasheet
430Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
1N5822-TP MCC-1N5822-TP Datasheet
489Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820 YFWDIODE-1N5820 Datasheet
119Kb / 3P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
1N5820-DO27 YFWDIODE-1N5820-DO27 Datasheet
457Kb / 3P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_13 Datasheet
493Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 40 Volts
SMD34LHE1 MCC-SMD34LHE1 Datasheet
357Kb / 2P
3 Amp Low VF Schottky Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com