Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR05C120 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR05C120
Description  5 A / 1200 V Schottky Silicon Carbide Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR05C120 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR05C120 Datasheet HTML 1Page - Solid States Devices, Inc SSR05C120 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR05C __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package 2/
G = Cerpack
S.5 = SMD.5
GL = Leaded Cerpack
│
│
└ Configuration
└ Voltage
100 = 1000 V
120 = 1200 V
SSR05C120 Series
5 A / 1200 V
Schottky Silicon Carbide
Rectifier
FEATURES:
• 1200 Volt Silicon Carbide Schottky Rectifier
• Average Output Current 5 Amps
• No Reverse Recovery
• No Forward Recovery
• No Switching Time Change Over
Temperature
• Small Package Size
• TX, TXV, and Space Level Screening
Available. Consult Factory.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
SSR05C100
SSR05C120
VRRM
VR
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
IO
5
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
IFSM
60
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +250
oC
Junction Temperature
TJ
-55 to +250
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
3.0
oC/W
CERPACK (G)
2/
Drawing# 60-0149-366
SMD .5 (S.5)
2/
Drawing# 60-0149-507
LEADED CERPACK (GL)
2/
Drawing# 60-0149-366-1
TAB SIZE =0.250W x 0.360L x 0.005” Thick
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0030E
DOC


Similar Part No. - SSR05C120

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C120 SSDI-SSR05C120 Datasheet
108Kb / 2P
Schottky Silicon Carbide Rectifier
SSR05C120 SSDI-SSR05C120 Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR05C120 SSDI-SSR05C120_1 Datasheet
108Kb / 2P
Schottky Silicon Carbide Rectifier
More results

Similar Description - SSR05C120

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C120CT SSDI-SSR10C120CT Datasheet
132Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Centertap Rectifier
SSR30C100S1 SSDI-SSR30C100S1 Datasheet
144Kb / 2P
30 A / 1200 V Schottky Silicon Carbide Rectifier
SSR30C120S1 SSDI-SSR30C120S1 Datasheet
144Kb / 2P
30 A / 1200 V Schottky Silicon Carbide Rectifier
SH0067A SSDI-SH0067A Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
logo
ON Semiconductor
FFSD08120A ONSEMI-FFSD08120A Datasheet
465Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 8 A
January, 2020 ??Rev. 3
FFSH15120A ONSEMI-FFSH15120A Datasheet
450Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 15 A
January, 2020 ??Rev. 2
FFSP10120A ONSEMI-FFSP10120A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
January, 2020 ??Rev. 2
FFSH10120A-F155 ONSEMI-FFSH10120A-F155 Datasheet
310Kb / 7P
Silicon Carbide Schottky Diode 1200 V, 10 A
August, 2020 - Rev. 0
FFSP05120A ONSEMI-FFSP05120A_V01 Datasheet
304Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 5 A
January, 2020 - Rev. 2
logo
WOLFSPEED, INC.
C4D05120A WOLFSPEED-C4D05120A Datasheet
1Mb / 9P
4th Generation 1200 V, 5 A Silicon Carbide Schottky Diode
Rev. 4, March 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com