Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR2045CTJ Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR2045CTJ
Description  20 AMPS 45 VOLTS ISOLATED FLAT PACK POSITIVE CENTER TAP SCHOTTKY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2045CTJ Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR2045CTJ Datasheet HTML 1Page - Solid States Devices, Inc SSR2045CTJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0044A
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Value
Unit
Max Instantaneous Forward Voltage Drop, per leg *
(TA = 25
oC)
IF = 3 Amps
IF = 5 Amps
IF = 10 Amps
VF
0.50
0.55
0.65
Volts
Max Instantaneous Forward Voltage Drop, per leg *
(IF = 5 Amps, TA = 100
oC)
VF
0.5
Volts
Max Reverse Leakage Current per leg *
(VR = 45 V, TA = 100
oC)
IR
10
mA
Max Reverse Leakage Current, per leg *
(VR = 45 V, TA = 25
oC)
IR
200
µA
Max Junction Capacitance, per leg
(VR =10 VDC, TA = 25
oC)
CJ
400
pF
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1. Unless Otherwise Specified, All Electrical Characteristics @25ºC
PACKAGE OUTLINE: TO-257 (J)
*For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2045CTJ
SSR2045CTJ:
SSR2045CAJ:
SSR2045DJ:
1
1
1
3
3
3
2
2
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com