Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR2045CTJ Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR2045CTJ
Description  20 AMPS 45 VOLTS ISOLATED FLAT PACK POSITIVE CENTER TAP SCHOTTKY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2045CTJ Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR2045CTJ Datasheet HTML 1Page - Solid States Devices, Inc SSR2045CTJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0044A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Isolated Low Profile Package
• Guard Ring for Overvoltage Protection
• -65 oC to 175oC Operating and Storage
Temperature
• Reverse Voltage to 45 Volts
• Low Reverse Leakage
• Hermetically Sealed
• Very Low Forward Voltage Drop
• Available in Common Anode (CAJ) and Doubler
(DJ) Configuration
• Higher Voltages Available. Consult Factory.
• TX, TX-V, and S-Level Screening Available.
Consult Factory.
SSR2045CTJ
20 AMPS
45 VOLTS
ISOLATED FLAT PACK
POSITIVE CENTER TAP
SCHOTTKY
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage (Per Leg) and
DC Blocking Voltage (Per Leg)
VRRM
VR
45
Volts
RMS Reverse Voltage (Per Leg)
Vr
32
Volts
Half Wave Rectified Forward Current, Averaged Over Full Cycle
(Resistive Load, 60 Hz, Sine Wave, TC=25
oC)
IO
20
Amps
Peak Repetitive Forward Current
(TC=55
oC, 8.3 ms Pulse, Allow Junction to Reach Equilibrium Between Pulses)
IFRM
40
Amps
Peak Surge Current
(TC=55
oC, 8.3 ms Pulse, Superimposed on Rated Current at Rated Voltage)
IFSM
200
Amps
Operating and Storage Temperature
TJ & Tstg
-65 to +175
oC
THERMAL CHARACTERISTICS
Symbol
Value
Units
Thermal Resistance, Junction to Case
(Both legs tied together)
RθJC
2.0
oC/W


Similar Part No. - SSR2045CTJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2045CT SSDI-SSR2045CT Datasheet
185Kb / 2P
20 AMP 45 VOLTS POSITIVE SCHOTTKY RECTIFIER CENTERTAP
SSR2045CT-28 SSDI-SSR2045CT-28 Datasheet
205Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CTG SSDI-SSR2045CTG Datasheet
196Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SSR2045CTJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045CT-3 SSDI-SSR4045CT-3 Datasheet
42Kb / 2P
40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2008CTM SSDI-SSR2008CTM Datasheet
178Kb / 2P
20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER
SSR2045-28 SSDI-SSR2045-28 Datasheet
203Kb / 2P
20 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2045CT-28 SSDI-SSR2045CT-28 Datasheet
205Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045G SSDI-SSR2045G Datasheet
196Kb / 2P
20 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2045CTG SSDI-SSR2045CTG Datasheet
196Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CT SSDI-SSR2045CT Datasheet
185Kb / 2P
20 AMP 45 VOLTS POSITIVE SCHOTTKY RECTIFIER CENTERTAP
SDA240A SSDI-SDA240A Datasheet
169Kb / 2P
120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER
SH0044 SSDI-SH0044 Datasheet
116Kb / 2P
POSITIVE CENTER TAP SCHOTTKY
SH0044 SSDI-SH0044_15 Datasheet
116Kb / 2P
ISOLATED FLAT PACK POSITIVE CENTER TAP SCHOTTKY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com