Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA240B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA240B
Description  120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA240B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA240B Datasheet HTML 1Page - Solid States Devices, Inc SDA240B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SDA240
__ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
│
└
Peak Repetitive Reverse Voltage
A = 35 V
B = 45 V
SDA240A and SDA240B
SCHOTTKY
120 AMPS, 35 to 45 VOLTS
ISOLATED CENTER TAP
COMMON CATHODE RECTIFIER
FEATURES:
•
Low Forward Voltage
•
150OC Operating Junction Temperature
•
Guard-ring for Stress Protection
•
Guaranteed Reverse Avalanche
•
Isolated Electrically
•
Dual Diode Construction can be Paralleled for
Higher Current Output
•
Hermetically Sealed
•
Can be Processed to TX, TXV, or S Levels
•
Other Terminal Configurations Available
MAXIMUM RATINGS
Part Number
Peak Repetitive Reverse
Voltage (per leg) and DC
Blocking Voltage (per leg)
Half Wave Rectified Forward
Current Averaged Over Full
Cycle (per leg)
Resistive Load, 60 Hz, Sine
Wave, TC = 25OC
Voltage Rate of
Change (At Rated
VR)
Peak Surge Current
(TC = 55OC, 8.3 ms
Pulse, Superimposed on
Rated Current at Rated
Voltage)
Operating and Storage
Temperature
Symbol
VRRM VR
IO
Dv/dt
IFSM
TOP & TSTG
Units
Volts
Amps
V/µs
Amps
oC
SDA240A
35
120
1000
800
-65 to +150
SDA240B
45
120
1000
800
-65 to +150
THERMAL CHARACTERISTICS
Part Number
Symbol
Value
Unit
SDA240A
RθJC
0.85
OC/W
Thermal Resistance (Junction to Case), per leg
SDA240B
RθJC
0.85
OC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0046A
DOC


Similar Part No. - SDA240B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA2401P LEIDITECH-SDA2401P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
More results

Similar Description - SDA240B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-40C CENTRAL-CSHD6-40C Datasheet
140Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 40 VOLTS
CSHD6-60C CENTRAL-CSHD6-60C Datasheet
139Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 60 VOLTS
logo
Microsemi Corporation
1N6660 MICROSEMI-1N6660 Datasheet
41Kb / 1P
30 Amp / 45 VOLTS COMMON CATHODE OR COMMON ANODE SCHOTTKY RECTIFIER
1N6840 MICROSEMI-1N6840 Datasheet
209Kb / 2P
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
logo
List of Unclassifed Man...
OM4201ST ETC1-OM4201ST Datasheet
18Kb / 2P
16 Amp, 45 Volt Rating Center-Tap Rectifier
logo
Solid States Devices, I...
SDR623CT SSDI-SDR623CT Datasheet
229Kb / 2P
40 AMPS 300-500 VOLTS 35 nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SSR2008CTM SSDI-SSR2008CTM Datasheet
178Kb / 2P
20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER
SSR2045G SSDI-SSR2045G Datasheet
196Kb / 2P
20 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2045CTJ SSDI-SSR2045CTJ Datasheet
112Kb / 2P
20 AMPS 45 VOLTS ISOLATED FLAT PACK POSITIVE CENTER TAP SCHOTTKY
logo
Microsemi Corporation
1N6840U3 MICROSEMI-1N6840U3 Datasheet
71Kb / 3P
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com