Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7001L Datasheet(PDF) 3 Page - EPCOS

Part # X7001L
Description  SAW Components IF Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7001L Datasheet(HTML) 3 Page - EPCOS

  X7001L Datasheet HTML 1Page - EPCOS X7001L Datasheet HTML 2Page - EPCOS X7001L Datasheet HTML 3Page - EPCOS X7001L Datasheet HTML 4Page - EPCOS X7001L Datasheet HTML 5Page - EPCOS X7001L Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 08, 2001
SAW Components
X 7001 L
30,72 MHz
IF Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 150 Ω
Terminating load impedance:
ZL = 1 kΩ
min.
typ.
max.
Center frequency
fC
—
30,72
—
MHz
(center between 3 dB points)
Insertion attenuation
α
Reference level for the
30,72 MHz
19,3
20,8
22,3
dB
following data
Pass bandwidth
α
rel ≤3dB
B3dB
—
1,6
—
MHz
α
rel ≤20 dB
B20dB
—
2,4
—
MHz
α
rel ≤30 dB
B30dB
—
2,6
—
MHz
Relative attenuation
α
rel
Lower sidelobe
22,00 ... 27,92 MHz
40,0
47,0
—
dB
27,92 ... 28,82 MHz
37,0
44,0
—
dB
Lower sidelobe
32,62 ... 42,00 MHz
40,0
47,0
—
dB
Reflected wave signal suppression
1,6
µs ... 6,0 µs after main pulse
38,0
45,0
—
dB
(test pulse 250 ns,
carrier frequency 30,72 MHz)
Group delay ripple (p–p)
∆τ
Aperture 50 kHz
29,95 ... 31,49 MHz
—
50
—
ns
Impedance at 30,72 MHz
Input:
ZIN
=
RIN
||
CIN
—
2,0 || 19,8
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,5 || 10,1
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com