Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7001L Datasheet(PDF) 6 Page - EPCOS

Part # X7001L
Description  SAW Components IF Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7001L Datasheet(HTML) 6 Page - EPCOS

  X7001L Datasheet HTML 1Page - EPCOS X7001L Datasheet HTML 2Page - EPCOS X7001L Datasheet HTML 3Page - EPCOS X7001L Datasheet HTML 4Page - EPCOS X7001L Datasheet HTML 5Page - EPCOS X7001L Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
May 08, 2001
SAW Components
X 7001 L
30,72 MHz
IF Bandpass Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW CE MM PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2001. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com