Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1038A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR1038A
Description  10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1038A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR1038A Datasheet HTML 1Page - Solid States Devices, Inc SVR1038A Datasheet HTML 2Page - Solid States Devices, Inc SVR1038A Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SVR1038N, P, B, & A
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
• 10A Output over 1.2 - 32V Voltage Range.
• Eutectic Die Attach
• Compatible with LM117 and LM138 Types
• Replaces LM396 Types
• Fast Switching
• Isolated Hermetically Sealed Power Package
• 150oC Operating Temperature
• Custom Lead Forming Available
• Ceramic Seal Package Available
• Class H or K (Space) Screening Available
Designer's Data Sheet
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SVR0003A
DATA SHEET #:
10 Amps
ADJUSTABLE
LINEAR
VOLTAGE REGULATOR
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
35
V
ªVIN/OUT
Input to Output Voltage Differential
PD
Internally Limited
SVR1038 N DB H
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
H = High Rel Level
K = Space Level
R = Radiation Tolerant
Lead Bend: 3/ _ = Straight
DB = Down Bend
UB = Up Bend
Package: 4/ N = TO-254
P = TO-254Z
B = MilPack II
A = MilPack III
TO-258 (N):
TO-259 (P):
MilPack II (B):
MilPack III (A):
Power Dissipation
oC
-65 TO +150
TSTG
Storage Temperature
Control Section
Power Transistor
oC
-55 TO +150
-55 TO +200
TJ
Operating Junction Temperature


Similar Part No. - SVR1038A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1033B SSDI-SVR1033B Datasheet
100Kb / 3P
SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR1033E SSDI-SVR1033E Datasheet
100Kb / 3P
SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR1033N SSDI-SVR1033N Datasheet
100Kb / 3P
SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR1033P SSDI-SVR1033P Datasheet
100Kb / 3P
SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
More results

Similar Description - SVR1038A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1033N SSDI-SVR1033N Datasheet
100Kb / 3P
SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR117A SSDI-SVR117A_1 Datasheet
158Kb / 3P
Positive Adjustable Linear Voltage Regulator
SVR137 SSDI-SVR137 Datasheet
189Kb / 3P
Negative Adjustable Linear Voltage Regulator
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
5.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Infineon Technologies A...
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com