Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7256D Datasheet(PDF) 2 Page - EPCOS

Part # X7256D
Description  SAW Components Bandpass Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7256D Datasheet(HTML) 2 Page - EPCOS

  X7256D Datasheet HTML 1Page - EPCOS X7256D Datasheet HTML 2Page - EPCOS X7256D Datasheet HTML 3Page - EPCOS X7256D Datasheet HTML 4Page - EPCOS X7256D Datasheet HTML 5Page - EPCOS X7256D Datasheet HTML 6Page - EPCOS X7256D Datasheet HTML 7Page - EPCOS X7256D Datasheet HTML 8Page - EPCOS X7256D Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Jan 05, 2005
SAW Components
X 7256 D
57,00 MHz
Bandpass Filter
Data Sheet
Duroplast package SIP5D
1
2345
13,7
4x 2,54
0,38
2,4
0,65
Features
s
IF filter for ISDB-T
s
Switchable between two bandwidths
s
Standard IC package
Terminals
s
Tinned CuFe alloy
Dimensions in mm, approx. weight 0,5 g
Pin configuration
1
Input
2
Switching input
3
Chip carrier – ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
X 7256 D
B39570-X7256-N201
C61157-A1-A21
F61074-V8049-Z000
Maximum ratings
Operable temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
1
2
3
5
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com