Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7256D Datasheet(PDF) 4 Page - EPCOS

Part # X7256D
Description  SAW Components Bandpass Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7256D Datasheet(HTML) 4 Page - EPCOS

  X7256D Datasheet HTML 1Page - EPCOS X7256D Datasheet HTML 2Page - EPCOS X7256D Datasheet HTML 3Page - EPCOS X7256D Datasheet HTML 4Page - EPCOS X7256D Datasheet HTML 5Page - EPCOS X7256D Datasheet HTML 6Page - EPCOS X7256D Datasheet HTML 7Page - EPCOS X7256D Datasheet HTML 8Page - EPCOS X7256D Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Jan 05, 2005
SAW Components
X 7256 D
57,00 MHz
Bandpass Filter
Data Sheet
Characteristics of channel 2 (switching pin 2 connected to pin 1)
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
57,08 (57,00) MHz
10,7,
12,2
13,7
dB
following data
Pass bandwidth
α
rel ≤3dB
B3dB
—
4,1
—
MHz
α
rel ≤30 dB
B30dB
—
5,6
—
MHz
Relative attenuation
α
rel
55,18 (55,10) MHz
—
0,6
—
dB
58,58 (58,50) MHz
—
0,4
—
dB
Adjacent picture carrier
53,83 (53,75) MHz
—
45,0
—
dB
Adjacent sound carrier
59,33 (59,25) MHz
—
11,0
—
dB
Lower sidelobe
45,08 ... 51,58 (45,00 ... 51,50) MHz
39,0
47,0
—
dB
51,58 ... 53,83 (51,50 ... 53,75) MHz
32,0
40,0
—
dB
Upper sidelobe
60,03 ... 62,58 (59,95 ... 62,50) MHz
30,0
38,0
—
dB
62,58 ... 65,08 (62,50 ... 65,00) MHz
37,0
43,0
—
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
53,0
—
dB
(test pulse 250 ns, carrier frequency 57,08 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
—
50,0
—
dB
(test pulse 250 ns, carrier frequency 57,08 MHz)
Group delay ripple (p-p)
∆τ
55,68 ... 58,08 (55,60 ... 58,00) MHz
—
50
—
ns
Impedance at 57,08 MHz
Input:
ZIN
=
RIN
||
CIN
—
0,4||24,0
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
0,6|| 6,0
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com