Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7550D Datasheet(PDF) 2 Page - EPCOS

Part # X7550D
Description  SAW bandpass Filter Low loss bandpass filter for terrestrial TV applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7550D Datasheet(HTML) 2 Page - EPCOS

  X7550D Datasheet HTML 1Page - EPCOS X7550D Datasheet HTML 2Page - EPCOS X7550D Datasheet HTML 3Page - EPCOS X7550D Datasheet HTML 4Page - EPCOS X7550D Datasheet HTML 5Page - EPCOS X7550D Datasheet HTML 6Page - EPCOS X7550D Datasheet HTML 7Page - EPCOS X7550D Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
July 17, 2006
X 7550 D
44.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW bandpass Filter
Data sheet
Application
s
IF filter for digital terrestrial TV
s
Usable bandwidth 5.7 MHz
s
Low insertion attenuation
Features
s
Duraplast package SIP5D
s
Approximate weight 0.5 g
s
Standard IC package
s
RoHS compatible
s
Tinned CuFe alloy terminals
1
2345
13,7
4x 2,54
0,38
2,4
0,65
Pin configuration
s
1
Input
s
2
Input
s
3
Chip carrier - ground
s
4
Output
s
5
Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com