Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7550D Datasheet(PDF) 3 Page - EPCOS

Part # X7550D
Description  SAW bandpass Filter Low loss bandpass filter for terrestrial TV applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7550D Datasheet(HTML) 3 Page - EPCOS

  X7550D Datasheet HTML 1Page - EPCOS X7550D Datasheet HTML 2Page - EPCOS X7550D Datasheet HTML 3Page - EPCOS X7550D Datasheet HTML 4Page - EPCOS X7550D Datasheet HTML 5Page - EPCOS X7550D Datasheet HTML 6Page - EPCOS X7550D Datasheet HTML 7Page - EPCOS X7550D Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 17, 2006
X 7550 D
44.00 MHz
SAW Components
SAW bandpass Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 2 kΩ || 3 pF and matching network
min.
typ.
@ 25 ˚C
max.
Insertion attenuation
α
Reference level for
44.06(44.00) MHz
5.0
7.0
9.0
dB
the following data
Amplitude ripple (p-p)
∆α
41.66 ... 46.46
(41.60 ... 46.40) MHz
—
1.5
—
dB
Pass bandwidth
α
rel < 3 dB
B3dB
—
5.7
—
MHz
Relative attenuation
α
rel
39.81 (39.75) MHz
32.0
41.0
—
dB
41.26 (41.20) MHz
—
2.1
—
dB
46.86 (46.80) MHz
—
0.4
—
dB
47.31 (47.25) MHz
20.0
27.0
—
dB
Lower sidelobe
35.06 ... 40.41
(35.00 ... 40.35) MHz
32.0
38.0
—
dB
Upper sidelobe
47.71 ... 55.06
(47.65 ... 55.00) MHz
27.0
33.0
—
dB
Reflected wave signal suppression
1.3
µs ... 6.0 µs after main pulse
24.0
34.0
—
dB
(test pulse 250 ns,
carrier frequency 44.06 MHz)
Group delay ripple (p-p)
∆t
41.66 ... 46.46
(41.60 ... 46.40) MHz
—
190
—
ns
Impedance at 44.06 MHz
Input:
ZIN
=RIN
||
CIN
—
1.0 || 21.7
—
k
Ω || pF
Output: ZOUT =ROUT ||COUT
—
8.0 || 3.6
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com