Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1009 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR1009
Description  2.5 Volts PRECISION SHUNT REGULATOR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1009 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR1009 Datasheet HTML 1Page - Solid States Devices, Inc SVR1009 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SVR1009
SERIES
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics
SYMBOL
UNITS
MAX
Reverse Breakdown Voltage
(IR = 1mA)
2.505
V
VZ
MIN
2.495
TYP
2.500
to
25
NOTES:
* Full Temperature Range
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines and Lead Bend Options Contact Factory
4/ Absolute Maximum Ratings are those values beyond which the life of a
device may be impaired.
5/ Guaranteed by Design.
6/ Average Temperature Coeficient is defined as the proportional voltage
change divided by the specified temperature change.
7/ +5% Trim Range. Resistance Does not Affect Temperature Coefficient
Reverse Breakdown Change with Current
(400
µA < IR < 10mA)
10
12
mV
--
--
2.6
3.0
25
*
∆∆∆∆∆VZ
∆Ι
∆Ι
∆Ι
∆Ι
∆ΙR
Reverse Dynamic Impedance
(IR = 1mA)
1.0
1.4
Ω
Ω
Ω
Ω
Ω
--
--
0.2
0.4
25
*
rZ
Change in Reference Voltage with Temperature
(TMIN < TA < TMAX)
4.0
mV
--
1.8
*
Average Temperature Coefficient 5/, 6/
(0oC < TA < 70oC)
25
ppm/oC
--
15
∆∆∆∆∆VZ / VZ
∆∆∆∆∆Temp
SCHEMATIC:
TYPICAL APPLICATION:
Cathode
Anode
Adjust
In (5 ... 35V)
Out
10K 7/
Trim
SVR1009
3.6K
∆∆∆∆∆Vz / Vz
∆∆∆∆∆Temp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com