Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1009 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR1009
Description  2.5 Volts PRECISION SHUNT REGULATOR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1009 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR1009 Datasheet HTML 1Page - Solid States Devices, Inc SVR1009 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SVR1009
SERIES
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
FEATURES:
• Replacement for LT1009 and LM136 Types
• Eutectic Die Attach
• Maximum Initial Tolerance: 0.2%
• Guaranteed Temperature Stability
• Maximum 0.6
Ω Dynamic Impedance
• Wide Operating Current Range
• Hermetically Sealed Package
• 125oC Operating Temperature
• Class H or K (Space) Screening Available
Designer's Data Sheet
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SVR006B
DATA SHEET #:
2.5 Volts
PRECISION SHUNT
REGULATOR DIODE
MAXIMUM RATINGS 4/
SYMBOL
UNITS
VALUE
10
20
mA
ppm/khr
IF
∆∆∆∆∆VZ/VZ/∆
/∆
/∆
/∆
/∆ Time
Forward Current
Long Term Stability (IR = 1mA, TA = 25 + 0.1oC)
IR
20
SVR1009 -4 H
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
H = High Rel Level
K = Space Level
Package: 3/ -4 = LCC 4
/46 = TO-46
/18 = TO-18
LCC 4 (-4):
TO-46 (/46):
TO-18 (/18):
Reverse Current
mA
TOP
-55 to +125
o
C
Operating Temperature
TSTG
-65 to +150
o
C
Storage Temperature
PIN ASSIGNMENT
Cathode
PACKAGE
Pin 4
Pins 1, 2
LCC 4 (-4)
Pin 2
Pin 1
TO-46 (/46)
Pin 2
Pin 1
TO-18 (/18)
Adjust
Pin 3
Pin 3
Pin 3
Anode
FOR PACKAGE OUTLINE REQUEST FOLLOWING DOCUMENTS
PACKAGE
DOCUMENT
LCC 4 (-4)
60-0149-323
TO-46 (/46)
60-0149-046
TO-18 (/18)
60-0149-018
3
1
2
3
1
2


Similar Part No. - SVR1009

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1009 SSDI-SVR1009 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR1009 SSDI-SVR1009 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR1009 SSDI-SVR1009_1 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
More results

Similar Description - SVR1009

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Solid States Devices, I...
SVR1009 SSDI-SVR1009_1 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR006 SSDI-SVR006 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR006 SSDI-SVR006_15 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
logo
Texas Instruments
ATL432B TI-ATL432B_15 Datasheet
1Mb / 26P
ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431 TI-ATL431_15 Datasheet
1Mb / 26P
ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431 TI1-ATL431_16 Datasheet
1Mb / 26P
ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com