Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT4959 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT4959
Description  30mA 18 VOLTS PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT4959 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT4959 Datasheet HTML 1Page - Solid States Devices, Inc SFT4959 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT4959
Electrical Characteristics *
SYMBOL
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
V
UNITS
MIN
MAX
25
V
-
3
BVEBO
V
-
Emitter-Base Breakdown Voltage
(IE =0.1mAdc)
-
ICBO
uA
0.1
Collector Cutoff Current
(VCB =10Vdc)
20
hFE
200
Forward Current Transfer Ratio
(IC=2mA, VCE=10Vdc)
1000
-
-pF
0.8
Collector-Base Capacitance
(VCB =10 Vdc, IE=0, f =1 MHz )
Cob
Current Gain Bandwidth Product
(IC =10mA, VCE=10Vdc, f =100 MHz)
fT
BVCBO
Collector-Base Breakdown Voltage
(IC =0.1mAdc)
Collector-Emitter Breakdown Voltage
(IC =1mAdc)
18
BVCEO
-
*TJ = 25
oC (Unless Otherwise Specified)
CASE OUTLINE: TO-72
PIN 1: EMITTER
PIN 2: BASE
PIN 3: COLLECTOR
PIN 4: CASE
MHz
PRELIMINARY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com