Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT4959 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT4959
Description  30mA 18 VOLTS PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT4959 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT4959 Datasheet HTML 1Page - Solid States Devices, Inc SFT4959 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
SFT4959
FEATURES:
30mA
18 VOLTS
PNP TRANSISTOR
DATA SHEET #: TR0001A
Maximum Ratings
SYMBOL
UNITS
VALUE
VEBO
3
Volts
Emitter-Base Voltage
VCBO
25
Volts
Collector-Base Voltage
IC
30
Collector Current
Collector-Emitter Voltage
VCEO
18
mA
Volts
oC
Operating and Storage Temperature
TJ, TSTG
-65 to +200
.2
1.14
W
mW/oC
oC/mW
Thermal Resistance, Junction to Case
R2JC
.87
Total Device Dissipation @ TC=100oC
Derate above 100oC
PD
• PNP Silicon Annular Transistor
• High Speed
• High Frequency
• Low Noise
TO-72
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.


Similar Part No. - SFT4959

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT4957A2 SSDI-SFT4957A2 Datasheet
121Kb / 2P
Dual PNP RF Transistor
SFT4957A2GWS SSDI-SFT4957A2GWS Datasheet
121Kb / 2P
Dual PNP RF Transistor
SFT4957A2GWTX SSDI-SFT4957A2GWTX Datasheet
121Kb / 2P
Dual PNP RF Transistor
SFT4957A2GWTXV SSDI-SFT4957A2GWTXV Datasheet
121Kb / 2P
Dual PNP RF Transistor
More results

Similar Description - SFT4959

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54569P MITSUBISHI-M54569P Datasheet
71Kb / 2P
8 UNIT 30MA TRANSISTOR ARRAY
M54577P MITSUBISHI-M54577P Datasheet
71Kb / 2P
7 UNIT 30MA TRANSISTOR ARRAY
M54577P MITSUBISHI-M54577P Datasheet
36Kb / 3P
7-UNIT 30mA TRANSISTOR ARRAY
logo
Solid States Devices, I...
STX6905 SSDI-STX6905 Datasheet
56Kb / 2P
1 AMP 600 VOLTS PNP TRANSISTOR
SFT1192-59 SSDI-SFT1192-59 Datasheet
44Kb / 2P
2 AMP 500 VOLTS PNP TRANSISTOR
logo
Diodes Incorporated
ZXTR2005Z DIODES-ZXTR2005Z Datasheet
179Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 1
ZXTR2012Z DIODES-ZXTR2012Z Datasheet
337Kb / 7P
100V INPUT, 12V 30mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 3
ZXTR2005Z DIODES-ZXTR2005Z_17 Datasheet
367Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 4
logo
Central Semiconductor C...
CP617-CM4957 CENTRAL-CP617-CM4957 Datasheet
544Kb / 8P
PNP - RF Transistor Die 30mA, 25 Volt
R1 21-March 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com