Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG55N60N Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSG55N60N
Description  55 AMP /600 Volts 1.65 V saturation ultrafast IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSG55N60N Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSG55N60N Datasheet HTML 1Page - Solid States Devices, Inc SSG55N60N Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TG0005A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
TO-254 and TO-254Z
TO-258 and TO-259
SSG55N60 series
55 AMP /600 Volts
1.65 V saturation
ultrafast IGBT
Features:
•
Lowest ON-resistance in the industry
•
Hermetically Sealed, Isolated Package
•
Low Total Gate Charge
•
Fast Switching
•
TX, TXV, S-Level screening available
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Breakdown Voltage
VCES
600
V
Gate – Emitter Voltage
VGE
±20
V
Max. Continuous Collector Current
@ TC = 25ºC
@ TC = 100ºC
ID1
ID2
55
27
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
ID3
200
A
Clamped Inductive Load current
L= 10 uH
ILM
200
A
Repetitive Reverse Voltage Avalanche Energy
Limited by Tj max
EARV
20
mJ
Total Power Dissipation
@ TC = 25ºC
PD
195
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance (Junction to Case)
R0JC
0.64 (typ 0.35)
ºC/W
TO-254 (M)
PIN 3
PIN 2
PIN 1
TO-254Z (Z)
PIN 1
PIN 3
PIN 2
TO-258 (N)
TO-259 (P)


Similar Part No. - SSG55N60N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSG55N60N SSDI-SSG55N60N Datasheet
160Kb / 3P
1.65 V saturation ultrafast IGBT
More results

Similar Description - SSG55N60N

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QIC0620003 POWEREX-QIC0620003 Datasheet
33Kb / 2P
Dual IGBT Common Emitter Module (200 Amp/600 Volts)
logo
Solid States Devices, I...
SPMQ496-01 SSDI-SPMQ496-01 Datasheet
81Kb / 2P
400 AMP/600 VOLTS IGBT POWER MODULE FOR SPACE APPLICATIONS
SSG42N60 SSDI-SSG42N60 Datasheet
31Kb / 2P
50 AMP 600 VOLTS FAST POWER IGBT
SSG60N60 SSDI-SSG60N60 Datasheet
33Kb / 2P
85 AMP 600 VOLTS FAST POWER IGBT
SSG55N60 SSDI-SSG55N60_1 Datasheet
160Kb / 3P
1.65 V saturation ultrafast IGBT
logo
STMicroelectronics
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
35 A, 600 V Ultrafast IGBT
06-Nov-2012
logo
Solid States Devices, I...
TG0005C SSDI-TG0005C_15 Datasheet
201Kb / 3P
saturation ultrafast IGBT
logo
STMicroelectronics
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
17 A, 600 V fast IGBT with Ultrafast diode
14-Nov-2012
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
35 A, 600 V Ultrafast IGBT
24-Jul-2012
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
19 A, 600 V - ultrafast IGBT
07-Nov-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com