Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT165 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPT165
Description  10 mA 45 VOLTS NPN (VREF) TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT165 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPT165 Datasheet HTML 1Page - Solid States Devices, Inc SPT165 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SPT165
PRELIMINARY
V
45
-
BVCEO
Collector-Emitter Breakdown Voltage *
(IC = 1.0mADC)
:A
-1
Collector Cutoff Current
(VCB = 30VDC)
10
120
HFE
DC Current Gain*
(IC = 500
:ADC, VCE = 3VDC)
VDC
6.3
7.7
VREF
Reference Voltage *
(VCE = 3VDC)
MIN
MAX
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
*Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
ICBO
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com