Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT165 Datasheet (PDF) - Solid States Devices, Inc

SPT165 Datasheet PDF - Solid States Devices, Inc
Part # SPT165
Download  SPT165 Download
File Size   44.1 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 10 mA 45 VOLTS NPN (VREF) TRANSISTOR

SPT165 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT165 Datasheet PDF - Solid States Devices, Inc

Part # SPT165
Download  SPT165 Click to download

File Size   44.1 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 10 mA 45 VOLTS NPN (VREF) TRANSISTOR

SPT165 Datasheet (HTML) - Solid States Devices, Inc


SPT165 Product details

FEATURES:
• BVCEO 45V.
• Very Low Leakage.
• High Gain.
• Stable Reference Voltage 0.002%/ oC from 0 to 70oC.
• Isolated Case.
• Hermetic, Metal Case with Glass Seals.
• 150oC Operating Temperature.




Similar Part No. - SPT165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018AIN ETC1-SPT1018AIN Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018AIN CADEKA-SPT1018AIN Datasheet
552Kb / 11P
18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018BIN ETC1-SPT1018BIN Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
More results


Similar Description - SPT165

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
logo
Solid States Devices, I...
TR0010 SSDI-TR0010 Datasheet
45Kb / 2P
NPN (VREF) TRANSISTOR
logo
NXP Semiconductors
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
PMP4201G NEXPERIA-PMP4201G Datasheet
246Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
PMP4501Y NEXPERIA-PMP4501Y Datasheet
243Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
BCM847BSH-Q NEXPERIA-BCM847BSH-Q Datasheet
238Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
6 May 2021
BCM847BSH NEXPERIA-BCM847BSH Datasheet
237Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
6 May 2021
PMP4201V NEXPERIA-PMP4201V Datasheet
228Kb / 9P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
PMP4501V NEXPERIA-PMP4501V Datasheet
228Kb / 9P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com