Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA60K75P Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # STA60K75P
Description  60,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS LOW VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA60K75P Datasheet(HTML) 2 Page - Solid States Devices, Inc

  STA60K75P Datasheet HTML 1Page - Solid States Devices, Inc STA60K75P Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
Electrical Characteristics
Part
Number
STA60K7.9P
thru
STA60K100P
STA60K7.9P
STA60K8.9P
STA60K9.8P
STA60K10.7P
STA60K11P
STA60K12.7P
STA60K13.5P
STA60K15P
STA60K16.7P
STA60K18P
STA60K20.2P
STA60K22.6P
STA60K24.5P
STA60K27.9P
STA60K30.5P
STA60K34P
STA60K36P
STA60K39P
STA60K45P
STA60K49P
STA60K51P
STA60K57P
STA60K62P
STA60K68P
STA60K75P
STA60K82P
STA60K91P
STA60K100P
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
A
7.0
6.0
6.0
5.0
5.0
4.0
4.0
3.0
3.0
2.6
2.6
2.0
2.0
2.0
1.6
1.6
1.2
1.2
1.2
1.0
1.0
0.8
0.8
0.8
0.8
0.6
0.6
0.6
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
14.5
15.0
16.0
17.5
18.5
19.5
21.0
23.0
25.0
27.0
30.0
33.5
36.0
40.0
43.5
47.0
52.0
55.0
60.0
65.0
70.0
78.0
87.0
93.0
103.3
113.5
126.5
138.5
.03
.03
.03
.05
.05
.05
.05
.05
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.07
.07
.07
.07
.08
.08
.08
.08
.09
0.07
0.08
0.09
0.10
0.11
0.11
0.12
0.12
0.13
0.13
0.15
0.16
0.18
0.25
0.40
0.50
0.60
0.70
1.0
1.2
1.4
1.8
2.0
2.2
2.5
3.0
4.0
4.5
60
48
1.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
5120
4800
4360
4000
3720
3480
3160
2720
2560
2280
2080
1880
1720
1560
1400
1280
1200
1080
1000
920
840
760
680
640
560
520
480
440
Ohms
Volts
% / °C
7.9
8.9
9.8
10.7
11.0
12.7
13.5
15.0
16.7
18.0
20.2
22.6
24.5
27.9
30.5
34.0
36.0
39.0
45.0
49.0
51.0
57.0
62.0
68.0
75.0
82.0
91.0
100.0
28
30
33
38
43
45
48
48
48
50
63
70
75
95
125
175
200
175
250
300
350
450
500
550
625
750
1000
1125
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department.
mA
Volts
A
Volts
For 5% Voltage
Tolerance specify
"B" in place of A
V
BR
@I
BRT
V
RWM
V
C
I
PP
I
RM
Z
BR @ IBRT
TC
I
R @ VRWM
Nominal
Voltage
Test
Current
Voltage
Reverse
Leakage
Current
Voltage
(max)
@ Current
tp=1ms
(note 4)
Maximum
Continuous
Current
(note 3)
Dynamic
Impedance
(note 2)
Maximum
Termperature
Coefficient
Break Down (note 1)
Max Reverse Stand Off
Peak Pulse Clamping
A
PEAK PULSE POWER VS. PULSE WIDTH
PULSE WIDTH
CURRENT PULSE WAVEFORM
STEADY STATE POWER DERATING
CASE TEMPERATURE (
°C)
Notes:
1 .
All voltages are measured with automated test set using 35 msec test time. Longer or shorter test times will have a corresponding effect on the measured
value due to heating effects.
2 .
Dynamic impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC test current superimposed on the test
current.
3 .
Ratings based on 25° C case temperature.
4 .
Pulse width (tp) is delined as the time from rated peak pulse current IPP to the point where peak pulse current decayed to 50% of rated IPP.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com