Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA60K75P Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STA60K75P
Description  60,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS LOW VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA60K75P Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STA60K75P Datasheet HTML 1Page - Solid States Devices, Inc STA60K75P Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00008C
STA60K7.9P thru
STA60K100P
60,000 WATTS
PEAK PULSE POWER
7.9 - 100 VOLTS
LOW VOLTAGE
BIDIRECTIONAL TRANSIENT
VOLTAGE SUPPRESSOR
• 7.90-100 Volt Bidirectional
• Smaller than Microsemi 60KS200C Types
• Hermetically Sealed
• Meets all environmental requirements of MIL-PRF-19500
• Custom configurations available
• TX and TXV Screening Available
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
•Protection of Voltage Sensitive Components
•Protection Against Power Interuption
•Lightning Protection
Steady State Power Dissipation
Stand Off Voltage
5.6-75
V
VRWM
400
W
P
D
Note:
SSDI Transient Suppressors offer standard Breakdown Voltage Tolerances of + 10%
(A) and + 5% (B). For other Voltage and Voltage Tolerances, contact SSDI's Marketing
Department
Peak Pulse Power @ 1.0 msec
P
PP
60,000
RMD
APPLICATIONS:
Peak Pulse Power and Steady State
Power Derating
Peak Pulse Power and Pulse Width
Peak Pulse Power and Pulse Width
W
See Graph
See Graph
-65
°C to +175°C
Package shown is standard configuration. SSDI can
custom design your module with terminals that meet
your unique design criteria. Additionally, SSDI can
package these devices with an irregular footprint or offset
mounting positions. This data sheet is meant to serve as
an example of SSDI's Transient Protection Module
Capabilities. For custom configurations, please contact
SSDI's Marketing Department.
AMBIENT TEMPERATURE (
°C)
PEAK PULSE POWER VS. TEMPERATURE DERATING CURVE
MMAXIMUM RATINGS


Similar Part No. - STA60K75P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STA60K750S SSDI-STA60K750S Datasheet
78Kb / 2P
60,000 WATTS PEAK PULSE POWER 79 - 1000 VOLTS HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA60K750S SSDI-STA60K750S Datasheet
83Kb / 2P
HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STA60K75P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STA15K7.9 SSDI-STA15K7.9 Datasheet
49Kb / 2P
15,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA15K7.5P SSDI-STA15K7.5P Datasheet
79Kb / 2P
15,000 WATTS PEAK PULSE POWER 7.5 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA60K79S SSDI-STA60K79S Datasheet
78Kb / 2P
60,000 WATTS PEAK PULSE POWER 79 - 1000 VOLTS HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA3KA13.6JE SSDI-STA3KA13.6JE Datasheet
61Kb / 2P
3,000 WATTS PEAK PULSE POWER 13.6 - 800 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SDA384 SSDI-SDA384 Datasheet
147Kb / 2P
2600 WATTS PEAK PULSE POWER 12,7 VOLTS BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA9K7.5P SSDI-STA9K7.5P Datasheet
285Kb / 2P
9000 WATTS PEAK PULSE POWE 7.5-100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Jinan Jing Heng Electro...
P4KE6.8A JINGHENG-P4KE6.8A Datasheet
186Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com