Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT501/G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT501/G
Description  5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT501/G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT501/G Datasheet HTML 1Page - Solid States Devices, Inc SFT501/G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT501/G and SFT503/G
SERIES
DATA SHEET #: TR0018C
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
7.0
Volts
Emitter-Base Voltage
VCEO
150
Volts
Collector-Emitter Voltage
IC
5.0
Continuous Collector Current
Collector-Base Voltage
VCBO
200
Amps
Volts
W
W/oC
o
C/W
5 AMP
200 VOLTS
PNP HIGH SPEED
POWER TRANSISTOR
Thermal Resistance, Junction to Case
RθθθθθJC
Total Device Dissipation @ TC = 100oC
Derate above 100oC
PD
IB
1.0
Base Current
Amps
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
PIN ASSIGNMENT
PIN 1
PIN 2
Base
Emitter
BASE
FUNCTION
CODE
Emitter
Base
Collector
Collector
Normal
Reverse
-
R
SFT501 / G
TX
SFT503 / G
TX
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
TX = TX Level
TXV = TXV Level
S
= Space Level
Polarity: _
= Normal
R
= Reverse
Package: 3/ G
= Cerpack
FEATURES
• BVCEO 150V Minimum
• Fast Switching
• High Frequency, 80MHz Typical
• High Linear Gain (SFT503/G)
• Low Saturation Voltage and Leakage
• 200oC Operating, Gold Eutectic Die Attach
• Designed for Complimentary Use with
SFT502/G and SFT504/G
Available Part Numbers:
SFT501/G
SFT503/G
SFT501/GR
SFT503/GR
Cerpack
o
C
Operating and Storage Temperature
TJ, TSTG
-65 to +200
10
0.10
1.8


Similar Part No. - SFT501/G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT501 SSDI-SFT501 Datasheet
30Kb / 2P
5 AMP 200 Volts HIGH SPEED PNP Transistor
SFT501 SSDI-SFT501 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
SFT501-G SSDI-SFT501-G Datasheet
123Kb / 2P
PNP HIGH SPEED Power Transistor
SFT501-G SSDI-SFT501-G_1 Datasheet
123Kb / 2P
PNP HIGH SPEED Power Transistor
SFT501-J SSDI-SFT501-J Datasheet
122Kb / 2P
HIGH SPEED PNP Transistor
More results

Similar Description - SFT501/G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2N6192 SSDI-2N6192 Datasheet
286Kb / 6P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SFT5553A-G SSDI-SFT5553A-G Datasheet
125Kb / 2P
5 AMP 100 Volts PNP Power Transistor
SFT501 SSDI-SFT501 Datasheet
30Kb / 2P
5 AMP 200 Volts HIGH SPEED PNP Transistor
SFT502 SSDI-SFT502 Datasheet
32Kb / 2P
5 AMP 200 Volts HIGH SPEED NPN Transistor
2N5151 SSDI-2N5151 Datasheet
224Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR
2N5003 SSDI-2N5003 Datasheet
224Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SFT5001 SSDI-SFT5001 Datasheet
210Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
SPT5330 SSDI-SPT5330 Datasheet
217Kb / 2P
30 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
TR0131A SSDI-TR0131A Datasheet
160Kb / 3P
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
TR0132A SSDI-TR0132A Datasheet
160Kb / 3P
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com