Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT501/G Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT501/G
Description  5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT501/G Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT501/G Datasheet HTML 1Page - Solid States Devices, Inc SFT501/G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
V
150
-
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 50mA)
V
200
-
Collector-Base Breakdown Voltage
(IC = 200 µA)
V
7-
BVEBO
Emitter-Base Breakdown Voltage
(IE = 200 µA)
nA
-
500
ICBO
Collector Cutoff Current
(VCB = 100 VDC)
µµµµµA
-1
ICEO
Collector Cutoff Current
(VCE = 100 VDC)
MIN
MAX
ELECTRICAL CHARACTERISTICS 4/
SYMBOL
UNITS
nA
Emitter Cutoff Current
(VEB = 6 VDC)
-
IEBO
500
DC Current Gain* (VCE = 5.0VDC)
(SFT501)
(SFT503)
20
30
20
50
50
40
0.75
1.5
Collector-Emitter Saturation
Voltage*
VCE(SAT)
VDC
hFE
Base-Emitter Saturation
Voltage*
1.3
1.5
VDC
VBE (SAT)
Current Gain Bandwidth Product
(IC = 500 mADC , VCE = 5 VDC, f = 10 MHz)
70
-
MHz
f
T
600
pf
Input Capacitance
(VBE = 10 VDC , IC = 0 ADC, f = 1.0 MHz)
-
Cib
(VCC = 50 VDC ,
IC = 5 ADC,
IB1 = IB2 = 500 mADC)
Rise Time
td
50
ns
tr
250
ns
BVCBO
Delay Time
(IC = 50 mADC)
(IC = 2.5 ADC)
(IC = 5.0 ADC)
(IC = 50 mADC)
(IC = 2.5 ADC)
(IC = 5.0 ADC)
-
-
-
-
NOTES:
*
Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%
1/
For Ordering Information, Price, and Availability Contact Factory.
2/
Screening per MIL-PRF-19500.
3/
For Package Outlines Contact Factory.
4/
All Electrical Characteristics @ 25oC, Unless Otherwise Specified.
SFT501/G and SFT503/G
SERIES
-
-
-
-
-
-
225
pf
Output Capacitance
(VCB = 10 VDC , IE = 0 ADC, f = 1.0 MHz)
-
Cob
Fall Time
Storage Time
ts
900
ns
tf
300
ns
-
-
(IC = 2.5 ADC, IB = 250 mADC)
(IC = 5.0 ADC, IB = 500 mADC)
(IC = 2.5 ADC, IB = 250 mADC)
(IC = 5.0 ADC, IB = 500 mADC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com