Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT35P3 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPT35P3
Description  4 AMPS 60 VOLTS DUAL NPN DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT35P3 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPT35P3 Datasheet HTML 1Page - Solid States Devices, Inc SPT35P3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
Pulse Test: Pulse Width = 300
µsec max, Duty Cycle = 2% max
PACKAGE OUTLINE: TO-3 (8 Pins)
Ø.875
MAX
.135 MAX
.310
.275
1.197
1.177
R.188 MAX
R.525 MAX
2x Ø
.165
.151
.460
.215
8
7
6
5
4
3
2
1
8x Ø
.043
.037
Ø
.505
.495
LEAD CIRCLE
80°
REF
40°
REF
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPT35P3
ELECTRICAL CHARACTERISTICS (Per Darlington)
Symbol
Min
Max
Unit
Collector – Emitter Sustaining Voltage *
(Each Darlington)
IC = 10 mA
BVCEO
60
––
Volts
Collector – Base Breakdown Voltage *
IC = 1 mA
BVCBO
60
––
Volts
Collector Cutoff Current
(VCE = 40 V)
TC = 25
oC
TC = 150
oC
ICEO
––
––
0.1
200
µA
Emitter Cutoff Current
(VBE = 5 V)
IEBO
1.5
mA
DC Current Gain *
(VCE = 5 V)
IC = 2 A, TA = 25
oC
IC = 0.4 A, TA = -55
oC
hFE
2000
100
––
––
Collector – Emitter Saturation Voltage *
IC = 2 A, IB = 4 mA
VCE(SAT)
––
1.5
Volts
Base – Emitter Saturation Voltage *
IC = 2 A, IB = 4 mA
VBE (SAT)
––
2.0
Volts
Commutating Diodes (Per Darlington)
Symbol
Min
Max
Unit
Break Down Voltage
IR = 100
µA
BVR
60
––
Volts
Reverse Leakage Current
VR = 40 V
VR = 40 V, TC = 100
oC
IR1
IR2
––
––
0.5
500
µA
µA
Forward Voltage Drop
IF = 2 A
VF
––
1.5
Volts
Reverse Recovery Time
IF = 0.5 A, IR = 0.5 A,
IRR = 0.25 A
tRR
––
2
µs
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0080D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com