Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT35P3 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPT35P3
Description  4 AMPS 60 VOLTS DUAL NPN DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT35P3 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPT35P3 Datasheet HTML 1Page - Solid States Devices, Inc SPT35P3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
•
Cost-Saving Monolithic Design with Associated
Commutating Diodes in A Single Package: Reduced Size,
Improved Efficiency
•
High Current Gain
•
Low Saturation Voltage
•
High Energy Capability
•
Electrically Isolated Case
•
Hermetically Sealed 8 Pin TO-3 Package
•
High Current Replacement for PIC6006
•
TX, TXV, and S-Level Screening Available. Consult
Factory.
APPLICATIONS:
• Full Wave Bridge Circuits for Converters and Stepper-
Motor Drives
SPT35P3
4 AMPS
60 VOLTS
DUAL NPN DARLINGTON
TRANSISTOR
TO-3, 8 Leads
MAXIMUM RATINGS
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
60
Volts
Collector – Base Voltage
VCBO
60
Volts
Collector Current
Continuous
Peak
IC
ICM
4
8
Amps
Base Current
IB
0.2
Amps
Diode Average Forward Current
IO
2
Amps
Total Device Dissipation
@ TC = 25
oC
Per Darlington
PD
60
30
Watts
Operating and Storage Temperature
TJ & Tstg
-65 to +175
oC
Per Device
2.5
Thermal Resistance, Junction to Case
Per Transistor
RθJC
5.0
oC/W
SCHEMATIC
6K
150
1
2
7
8
3
4
5
6
150
6K
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0080D
DOC


Similar Part No. - SPT35P3

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
SPT3500N KEISO-SPT3500N Datasheet
217Kb / 4P
MAGNETIC FLOAT TYPE LEVEL GAUGE
Aug 2017
SPT3510NS-1RPH KEISO-SPT3510NS-1RPH Datasheet
217Kb / 4P
MAGNETIC FLOAT TYPE LEVEL GAUGE
Aug 2017
SPT3510NS-2RPH KEISO-SPT3510NS-2RPH Datasheet
217Kb / 4P
MAGNETIC FLOAT TYPE LEVEL GAUGE
Aug 2017
SPT3510NW-1RPH KEISO-SPT3510NW-1RPH Datasheet
217Kb / 4P
MAGNETIC FLOAT TYPE LEVEL GAUGE
Aug 2017
SPT3510NW-2RPH KEISO-SPT3510NW-2RPH Datasheet
217Kb / 4P
MAGNETIC FLOAT TYPE LEVEL GAUGE
Aug 2017
More results

Similar Description - SPT35P3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
logo
Central Semiconductor C...
CSHD6-60C CENTRAL-CSHD6-60C Datasheet
139Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 60 VOLTS
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3 Datasheet
58Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
logo
Unisonic Technologies
2N7002DW UTC-2N7002DW Datasheet
306Kb / 6P
300m Amps, 60 Volts DUAL N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
logo
Solid States Devices, I...
TR0121A SSDI-TR0121A Datasheet
190Kb / 4P
4 AMP NPN Darlington Power Transistor 80 Volts
TR0126B SSDI-TR0126B Datasheet
144Kb / 2P
50 AMP NPN DARLINGTON TRANSISTOR 400 VOLTS
TR0080 SSDI-TR0080 Datasheet
44Kb / 2P
DUAL NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com