Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8057 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # STM8057
Description  120 kWATTS 840 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STM8057 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  STM8057 Datasheet HTML 1Page - Solid States Devices, Inc STM8057 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
tp
SOLID STATE DEVICES, INC.
STM8057
Notes:
1. All voltages are measured with automated test set using 35
msec test time. Longer or shorter test times will have a
corresponding effect on the measured value due to the heat-
ing effects.
2. Current Pulse rises to peak value of IPP in 10µsec and
decay to half value, IPP/2, in 1msec.
3. Pulse width (tP) is defined as the time from peak pulse
current IPP to the point where peak pulse current decayed
to 50% of rated IPP. (10µsec x 100µsec wave form as
defined by R.E.A.)
TIME (ms)
Electrical Characteristics
SYMBOL
UNITS
MAX
V(pk)
Clamping Voltage
(IPP = 120A(pk), tR = 10µsec, tP = 1000µsec)
1000
VC
Breakdown Voltage
(IBR = 15mA, TA = 25
oC, 300
µsec pulse minimum)
-VDC
VBR1
IR2
µΑ
µΑ
µΑ
µΑ
µΑ
200
Reverse Leakage Current
(VWM = 800V, TA = 0
oC, 300
µsec pulse minimum)
Reverse Leakage Current
(VWM = 800V, TA = 25
oC, 300
µsec pulse minimum)
µΑ
µΑ
µΑ
µΑ
µΑ
100
IR1
MIN
-
840
-
-
Breakdown Voltage
(IBR = 15mA, TA = 0
oC, 300
µsec pulse minimum)
-VDC
VBR2
810
Package Outline:
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Note:
This Surface to be Flush to
+.005" underflush with Plane -A-.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com