Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8057 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STM8057
Description  120 kWATTS 840 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STM8057 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STM8057 Datasheet HTML 1Page - Solid States Devices, Inc STM8057 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
Maximum Ratings
oC
-65 to +150
Top, Tstg
1,000
V
120
kW
PD
VCC
SYMBOL
UNITS
VALUE
Clamping Voltage at IPP
2/
Operating and Storage Temperature
Peak Pulse Power Dissipation 2/
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TVS002A
STM8057
120 kWATTS
840 VOLTS
UNIDIRECTIONAL
TRANSIENT VOLTAGE
SUPPRESSOR
• Available Voltages from 96V to 1600V. Consult Factory.
• Meets all Environmental Requirements of Mil-PRF-19500
• Custom Configurations Available
• Reverse Polarity Available (Add Suffix "R")
• 150oC Maximum Operating and Storage Temperature
• TX and TXV Level Screening Available
Stand off Voltage
800
V
VRWM
APPLICATIONS:
• Voltage Sensitive Components Protection
• Protection Against High Power Surges
• Lightning Protection
Peak Current
A
120
IPP
840
W
VBR
Breakdown Voltage (Minimum)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - STM8057

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM805 STMICROELECTRONICS-STM805 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM805 STMICROELECTRONICS-STM805 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM805 STMICROELECTRONICS-STM805 Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM805 STMICROELECTRONICS-STM805 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM805L STMICROELECTRONICS-STM805L Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
More results

Similar Description - STM8057

ManufacturerPart #DatasheetDescription
logo
Sensitron
704-15K36 SENSITRON-704-15K36 Datasheet
170Kb / 7P
Transient Voltage Suppressor, Unidirectional
PHP8.4 SENSITRON-PHP8.4 Datasheet
52Kb / 3P
Transient Voltage Suppressor, Unidirectional
704-15K36T SENSITRON-704-15K36T_09 Datasheet
161Kb / 7P
Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STA3KA13.6JE SSDI-STA3KA13.6JE_1 Datasheet
74Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STD5KA5.0 SSDI-STD5KA5.0 Datasheet
196Kb / 3P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
TVS002 SSDI-TVS002 Datasheet
29Kb / 2P
120 KWATTS 840 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004 Datasheet
50Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006 Datasheet
80Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006_15 Datasheet
80Kb / 2P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B_15 Datasheet
196Kb / 3P
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com