Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01T-I/MS Datasheet(PDF) 34 Page - Microchip Technology

Part # 24CSM01T-I/MS
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/MS Datasheet(HTML) 34 Page - Microchip Technology

Back Button 24CSM01T-I/MS Datasheet HTML 30Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 31Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 32Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 33Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 34Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 35Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 36Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 37Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
24CSM01
DS20006781B
-page 34
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
11.0 MANUFACTURER
IDENTIFICATION REGISTER
The 24CSM01 offers the ability to query the device for
the manufacturer, density and revision information. By
using the reserved 7-bit host code F8h, the device will
return a 24-bit value that corresponds with the reserved
I2C identifier value, along with further data to signify a
1-Mbit density and the device revision.
To read the Manufacturer ID data, the host must send
a Start condition, followed by a reserved host code F8h,
specified to which all devices on the bus that support
the Manufacturer ID will ACK. Next, the device address
byte is sent, followed by a new Start condition. The
device address byte consists of the EEPROM device
type identifier (‘1010’), the selected hardware client
address and a “don’t care” value for both the MSb
address and the R/W bit. Then, the reserved host code,
F9h, is sent and only the specific device that was
previously identified will return an ACK.
Now the 24CSM01 is ready to return its unique 24-bit
Manufacturing ID value.
The first byte of Manufacturer ID data contains the eight
Most Significant bits (D23-D16) of the 24-bit data value.
The host can then return an ACK to indicate it
successfully received the data, upon which the device
will send the second byte (D15-D8) of Manufacturer ID
data. The process repeats until all three bytes have
been read out and the host sends a NACK (logic ‘1’) to
complete the sequence. If the host ACKs (logic ‘0’) the
third byte, the internal Address Pointer will roll over back
to the first byte of Manufacturer ID data.
FIGURE 11-1:
MANUFACTURER IDENTIFICATION REGISTER READ SEQUENCE
Note:
A repeated Start condition must be sent to
the
24CSM01
when
reading
the
Manufacturer ID. Once a Stop condition is
sent, the internal Address Pointer will
reset and the Manufacturer ID will not be
read.
SCL
MSb
MSb
MSb
SDA
123
45
6
7
8
9
12
3
4
5
6
7
8
9
1
2
3
45
6
7
8
9
Host Code F9h
Device Address Byte
Host Code F8h
11
1
1
0
01
0
1
0 A2 A1 xx0
1
1
1
1
1
0
0
01
10
0
ACK
from
Client
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
MSb
12
3
4
5
6
7
8
9
123
45
6
7
8
9
1
2
3
4
5
6
7
8
9
Manufacturer ID – Byte 2
Manufacturer ID – Byte 1
Manufacturer ID – Byte 0
D23 D22 D21 D20
0
D16
D15 D14 D13 D12 D11 D10 D9 D8 01
D19 D18 D17
NACK
from
Host
ACK
from
Host
ACK
from
Host
Stop by
Host
D7 D6 D5 D4 D3 D2 D1 D0
Repeated
Start by
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com