Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01T-I/MS Datasheet(PDF) 61 Page - Microchip Technology

Part # 24CSM01T-I/MS
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/MS Datasheet(HTML) 61 Page - Microchip Technology

Back Button 24CSM01T-I/MS Datasheet HTML 55Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 56Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 57Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 58Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 59Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 60Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 61Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 62Page - Microchip Technology 24CSM01T-I/MS Datasheet HTML 63Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 61
24CSM01
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24CSM01 = 1-Mbit I2C Serial EEPROM with 128-Bit Serial
Number
Tape and Reel
Option:
Blank
=
Standard Packaging (tube or tray)
T
=
Tape and Reel(1)
Temperature
Range:
I=
-40
C to +85C (Industrial)
E=
-40
C to +125C (Extended)
Package:
CS0668(2) =
Extremely Thin Fine Pitch Wafer Level Chip
Scale Package, 8-Ball (CSP)
MS
=
Plastic Micro Small Outline Package, 8-Lead
(MSOP)
P
=
Plastic Dual In-Line – 300 mil Body, 8-Lead
(PDIP)
SN
=
Plastic Small Outline – Narrow, 3.90 mm Body,
8-Lead (SOIC)
SM
=
Plastic Small Outline – Medium, 5.28 mm
Body, 8-Lead (SOIJ)
ST
=
Plastic Thin Shrink Small Outline – 4.4 mm
Body, 8-Lead (TSSOP) (Tape and Reel Only)
Q4B
=
Plastic Dual Flat, No Lead Package –
2x3x0.55 mm, 8-Lead (UDFN) (Tape and Reel
Only)
Examples:
a) 24CSM01T-I/MS:
Tape and Reel, Industrial Temp.,
1.7V-5.5V, MSOP Package.
b) 24CSM01-I/P:
Industrial Temp., 1.7V-5.5V,
PDIP Package.
c) 24CSM01-E/P:
Extended Temp., 1.7V-5.5V,
PDIP Package.
d) 24CSM01T-I/SN:
Tape and Reel, Industrial Temp.,
1.7V-5.5V, SOIC Package.
e) 24CSM01-E/SN:
Extended Temp., 1.7V-5.5V,
SOIC Package.
f)
24CSM01T-E/ST:
Tape and Reel, Extended
Temp., 1.7V-5.5V, TSSOP
Package.
g) 24CSM01T-I/SM:
Tape and Reel, Industrial Temp.,
1.7V-5.5V, SOIJ Package.
h) 24CSM01-E/SM:
Extended Temp., 1.7V-5.5V,
SOIJ Package.
i)
24CSM01T-I/Q4B:
Tape and Reel, Industrial Temp.,
1.7V-5.5V, UDFN Package.
j)
24CSM01T-I/CS0668: Tape and Reel, Industrial Temp.,
1.7V-5.5V, CSP Package.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
2:
668 indicates 66.8K technology.
[X]
Tape and Reel
Option
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com