Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 20 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST25WF080B_V01 Datasheet HTML 16Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 17Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 18Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 19Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 20Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 21Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 22Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 23Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
SST25WF080B
DS20005164H-page 20
 2013-2022 Microchip Technology Inc. and its subsidiaries
5.14
Read-ID
The Read-ID instruction identifies the device as
SST25WF080B. Use the Read-ID instruction to identify
SST25WF080B when using multiple manufacturers in
the same socket. See Table 5-2.
The device ID information is read by executing an 8-bit
command, ABH, followed by 24 dummy address bits.
Following the Read-ID instruction, and 24 address
dummy bits, the device ID continues to output with con-
tinuous clock input until terminated by a low-to-high
transition on CE#.
FIGURE 5-15:
READ-ID SEQUENCE
5.15
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device ID
information of SST25WF080B. The device information
can be read by executing the 8-bit command, 9FH. Fol-
lowing the JEDEC Read-ID instruction, a 32-bit device
ID information is output from the device. The Device ID
information is assigned by the manufacturer and con-
tains the Device ID 1 in the first byte, the type of mem-
ory in the second byte, the memory capacity of the
device in the third byte, and a reserved code in the
fourth byte. The 4-byte code outputs repeatedly with
continuous clock input until a low-to-high transition on
CE#. See Figure 5-16 for the instruction sequence. The
JEDEC Read ID instruction is terminated by a low-to-
high transition on CE# at any time during data output.
FIGURE 5-16:
JEDEC READ-ID SEQUENCE
TABLE 5-2:
PRODUCT IDENTIFICATION
Device ID
Address
Data
SST25WF080B ID
XXXXXXH
86H
Note: The Device ID output stream is continuous until terminated by a low-to-high transition on CE#.
CE#
SO
SI
SCK
XX
0 1 234 5 6 78
XX
XX
AB
High-Impedance
15 16
23 24
31 32
39 40
47 48
55 56
63
Device ID
Device ID
High-Impedance
MODE 3
MODE 0
MSb
MSb
MSb
Device ID
Device ID
TABLE 5-3:
JEDEC READ-ID DATA-OUT
Product
Device ID
Device ID 1
(Byte 1)
Memory Type (Byte 2)
Memory Capacity (Byte 3)
Reserved Code
(Byte 4)
SST25WF080B
62H
16H
14H
00H
16
14
00
CE#
SO
SI
SCK
012345678
High-Impedance
15 16
14
28 29 30 31
62
MODE 3
MODE 0
MSb
MSb
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
37 38 39
35 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com