Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25WF080B_V01 Datasheet HTML 9Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 10Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 11Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 12Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 13Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 14Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 15Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 16Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005164H-page 13
SST25WF080B
5.4
Fast-Read Dual I/O (40 MHz)
The Fast-Read Dual I/O (BBH) instruction reduces the
total number of input clock cycles, which results in
faster data access. The device is first selected by driv-
ing Chip Enable CE# low. Fast-Read Dual I/O is initi-
ated by executing an 8-bit command (BBH) on SI/SIO0,
thereafter, the device accepts address bits A23-A0 and
a dummy byte on SI/SIO0 and SO/SIO1. It offers the
capability to input address bits A23-A0 at a rate of two
bits per clock. Odd address bits A23 through A1 are
input on SIO1 and even address bits A22 through A0
are input on SIO0, alternately For example, the most
significant bit is input first followed by A23/22, A21/A20,
and so on. Each bit is latched at the same rising edge
of the Serial Clock (SCK). The input data during the
dummy clocks is “don’t care”. However, the SIO0 and
SIO1 pin must be in high-impedance prior to the falling
edge of the first data output clock.
Following a dummy cycle, the Fast-Read Dual I/O
instruction outputs the data starting from the specified
address location on the SIO1 and SIO0 lines. SIO1 out-
puts, per clock sequence, odd data bits D7, D5, D3,
and D1; and SIO0 outputs even data bits D6, D4, D2,
and D0 per clock edge. CE# must remain active-ow for
the duration of the Fast-Read Dual I/O instruction
cycle. The data output stream is continuous through all
addresses until terminated by a low-to-high transition
on CE#.
The internal address pointer will automatically incre-
ment until the highest memory address is reached.
Once the highest memory address is reached, the
address pointer automatically increments to the begin-
ning (wraparound) of the address space. For example,
once the data from address location FFFFFH is read,
the next output is from address location 000000H. See
Figure 5-4 for the Fast-Read Dual I/O sequence.
FIGURE 5-4:
FAST-READ DUAL I/O SEQUENCE
CE#
SIO1
SIO0
SCK
012 34 5 6 7 8 910 11 12 13 14
MODE 3
MODE 0
15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
6
4
20 6
4
20
6
4
20
75
3
1
75
3 1
75
3 1
MSb
6
4
20 6
4
20
6
4
20
6
4
20
75
3
1
75
3 1
75
3 1
75
3 1
MSb
MSb
MSb
A23-16
A15-8
A7-0
6
7
39
BB
DOUT
DOUT
DOUT
DOUT
N
N+1
N+2
N+3
IO, Switches from Input to Output
X
X
Dummy
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com