Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B Datasheet(PDF) 58 Page - Microchip Technology

Part # SST26VF032B
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B Datasheet(HTML) 58 Page - Microchip Technology

Back Button SST26VF032B Datasheet HTML 54Page - Microchip Technology SST26VF032B Datasheet HTML 55Page - Microchip Technology SST26VF032B Datasheet HTML 56Page - Microchip Technology SST26VF032B Datasheet HTML 57Page - Microchip Technology SST26VF032B Datasheet HTML 58Page - Microchip Technology SST26VF032B Datasheet HTML 59Page - Microchip Technology SST26VF032B Datasheet HTML 60Page - Microchip Technology SST26VF032B Datasheet HTML 61Page - Microchip Technology SST26VF032B Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 58
 2013-2022 Microchip Technology Inc. and its subsidiaries
APPENDIX A: REVISION HISTORY
Revision K (March 2022)
Replaced terminology “Master” and “Slave” with “Host”
and “Client” respectively; Added Automotive Product
Identification System.
Revision J (August 2020)
Updated DC Electrical Characteristics table value for
current consumption ISB2 and corrected the comment
in JEDEC Flash Parameter Table: 11th DWORD.
Revision H (February 2020)
Updated template; added description and operating
values for Extended temperature.
Revision G (May 2019)
Corrected SDIOR Maximum Frequency value in Table
5-1.
Revision F (February 2018)
Added Automotive AECQ-100 information.
Revision E (May 2016)
Updated Note 1 in Table 5-6.
Revision D (July 2015)
Added 2.3V-3.6V information throughout. Updated
“Product Description”.
Revision C (February 2015)
Revised “Product Description”. Added Part Markings.
Added footnote to Table 7-4.
Revision B (April 2014)
Updated “Features”, Figure 5-29 and Figure 5-31.
Revised “SPI Dual I/O Read”. Revised Table 11-1.
Revision A (October 2013)
Initial release of the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com