Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BA Datasheet(PDF) 68 Page - Microchip Technology

Part # SST26VF032BA
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA Datasheet(HTML) 68 Page - Microchip Technology

Back Button SST26VF032BA Datasheet HTML 64Page - Microchip Technology SST26VF032BA Datasheet HTML 65Page - Microchip Technology SST26VF032BA Datasheet HTML 66Page - Microchip Technology SST26VF032BA Datasheet HTML 67Page - Microchip Technology SST26VF032BA Datasheet HTML 68Page - Microchip Technology SST26VF032BA Datasheet HTML 69Page - Microchip Technology SST26VF032BA Datasheet HTML 70Page - Microchip Technology SST26VF032BA Datasheet HTML 71Page - Microchip Technology SST26VF032BA Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 68
 2013-2022 Microchip Technology Inc. and its subsidiaries
105H
A15:A8
7FH
Region 0 Size
4 * 8 Kbytes = 32 Kbytes
Count = 32 Kbytes/256 Bytes = 128
Value = count -1 =127
A31:A8 = 00007Fh
106H
A23:A16
00H
107H
A31:A24
00H
108H
A7:A0
F5H
Region 1 supports 4-Kbyte erase and 32-Kbyte erase
A3:A0 = 0101b
A7:A4 = Reserved = 1111b
109H
A15:A8
7FH
Region 1 size
1 * 32 Kbytes = 32 Kbytes
Count = 32 Kbytes/256 bytes = 128
Value = count -1 =127
A31:A8 = 00007Fh
10AH
A23:A16
00H
10BH
A31:A24
00H
10CH
A7:A0
F9H
Region 2 supports 4-Kbyte erase and 64-Kbyte erase
A3:A0 = 1001b
A7:A4 = Reserved = 1111b
10DH
A15:A8
FFH
Region 2 size
62 * 64 Kbytes = 3968 Kbytes
Count = 3968 Kbytes/256 Bytes = 15872
Value = count -1 = 15871
A31:A8 = 003DFFh
10EH
A23:A16
3DH
10FH
A31:A24
00H
110H
A7:A0
F5H
Region 3 supports 4-Kbyte erase and 32-Kbyte erase
A3:A0 = 0101b
A7:A4 = Reserved = 1111b
111H
A15:A8
7FH
Region 3 size
1 * 32 Kbytes = 32 Kbytes
Count = 32 Kbytes/256 bytes = 128
Value = count -1 = 127
A31:A8 = 00007Fh
112H
A23:A16
00H
113H
A31:A24
00H
114H
A7:A0
F3H
Region 4 supports 4-Kbyte erase and 8-Kbyte erase
A3:A0 = 0011b
A7:A4 = Reserved=1111b
115H
A15:A8
7FH
Region 4 Size
4 * 8 Kbytes = 32 Kbytes
Count = 32 Kbytes/256 bytes = 128
Value = count -1 = 127
A31:A8 = 00007Fh
116H
A23:A16
00H
117H
A31:A24
00H
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com