Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BA Datasheet(PDF) 80 Page - Microchip Technology

Part # SST26VF032BA
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA Datasheet(HTML) 80 Page - Microchip Technology

Back Button SST26VF032BA Datasheet HTML 74Page - Microchip Technology SST26VF032BA Datasheet HTML 75Page - Microchip Technology SST26VF032BA Datasheet HTML 76Page - Microchip Technology SST26VF032BA Datasheet HTML 77Page - Microchip Technology SST26VF032BA Datasheet HTML 78Page - Microchip Technology SST26VF032BA Datasheet HTML 79Page - Microchip Technology SST26VF032BA Datasheet HTML 80Page - Microchip Technology SST26VF032BA Datasheet HTML 81Page - Microchip Technology SST26VF032BA Datasheet HTML 82Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 80
 2013-2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Device:
SST26VF032B
= 32 Mbit, 2.5/3.0V, SQI Flash Memory
WP#/Hold# pin Enable at power-up
SST26VF032BA
= 32 Mbit, 2.5/3.0V, SQI Flash Memory
WP#/Hold# pin Disable at power-up
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Operating
Frequency:
104
= 104 MHz
80
= 80 MHz
Temperature
Range:
I= -40
C to +85C
(AEC-Q100 Grade 3)
V= -40
C to +105C
(AEC-Q100 Grade 2)
E= -40
C to +125C
(AEC-Q100 Grade 1)
Package:
MF
= WDFN (6 mm x 5 mm Body), 8-lead
SM
= SOIJ (5.28 mm), 8-lead
Variant(2,3):
70SVAO
=Standard Automotive, 70S Process
70SVXX
=Customer-Specific Automotive, 70S Process
Examples:
Valid Combinations:
SST26VF032B-80E/SM70SVAO
SST26VF032B-80E/MF70SVAO
SST26VF032B-104I/SM70SVAO
SST26VF032B-104V/SM70SVAO
SST26VF032BA-104V/SM70SVAO
SST26VF032BT-104V/SM70SVAO
SST26VF032BT-104I/SM70SVAO
SST26VF032BT-80E/SM70SVAO
SST26VF032BT-104V/MF70SVAO
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
2:
The VAO/VXX automotive variants have
been designed, manufactured, tested and
qualified in accordance with AEC-Q100
requirements for automotive applications.
3:
For customers requesting a PPAP, a cus-
tomer-specific part number will be gener-
ated and provided. A PPAP is not
provided for VAO part numbers.
[X]
Tape and Reel
Option
XXX
X
Operating
Frequency
/XX
Package
Temperature
–
XXX
Variant
(1)
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com