Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C198 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC68C198 Datasheet HTML 1Page - NXP Semiconductors SC68C198 Datasheet HTML 2Page - NXP Semiconductors SC68C198 Datasheet HTML 3Page - NXP Semiconductors SC68C198 Datasheet HTML 4Page - NXP Semiconductors SC68C198 Datasheet HTML 5Page - NXP Semiconductors SC68C198 Datasheet HTML 6Page - NXP Semiconductors SC68C198 Datasheet HTML 7Page - NXP Semiconductors SC68C198 Datasheet HTML 8Page - NXP Semiconductors SC68C198 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
337
Uses
Statistical Multiplexers
Data Concentrators
Packet–switching networks
Process Control
Building or Plant Control
Laboratory data gathering
ISDN front ends
Computer Networks
Point–of–Sale terminals
Automotive, cab and engine controls
Entertainment systems
MIDDI keyboard control music systems
Theater lighting control
Terminal Servers
Computer–Printer/Plotter links
FEATURES
• Single 3.3v power supply
• Eight Philips industry standard full duplex UART channels
• Sixteen byte receiver FIFOs for each UART
• Sixteen byte transmit FIFOs for each UART
• In band flow control using programmable Xon/Xoff characters
• Flow control using CTSN RTSN hardware handshaking
• Automatic address detection in multi-drop mode
• Three byte general purpose character recognition
• Fast data bus, 30 ns data bus release time, 125 ns bus cycle time
• Programmable interrupt priorities
• Automatic identification of highest priority interrupt pending
• Global interrupt and control registers ease setup and interrupt
handling
• Vectored interrupts with programmable interrupt vector formats
– Interrupt vector modified with channel number
– Interrupt vector modified with channel number and channel type
– Interrupt vector not modified
• IACKN and DACKN signal pins
• Watch dog timer for each receiver (64 receive clock counts)
• Programmable Data Formats:
– 5 to 8 data bits plus parity
– Odd, even force or no parity
– 1, 1.5 or 2 stop bits
• Flexible baud rate selection for receivers and transmitters:
– 22 fixed rates; 50 – 230.4K baud or 100 to 460.8K baud
– Additional non–standard rates to 500K baud with internal
generators
– Two reload–counters provide additional programmable baud
rate generation
– External 1x or 16x clock inputs
– Simplified baud rate selection
• 1 MHz 1x and 16x data rates full duplex all channels.
• Parity, framing and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
– Normal(full duplex)
– Diagnostic modes
automatic echo
local loop back
emote loop back
• Four I/O ports per UART for modem controls, clocks, RTSN, I/O
etc.
– All I/O ports equipped with ”Change of State Detectors”
• Two global inputs and two global outputs for general purpose I/O
• Power down mode
• On chip crystal oscillator, 2–8 MHz
• TTL input levels. Outputs switch between full V
CC and VSS
• High speed CMOS technology
• 68 pin PLCC
ORDERING CODE
PACKAGES
VCC = 5V ±10%
DWG #
PACKAGES
Commercial
0
°C to +70°C
Industrial1
-40
°C to +85°C
DWG #
Commercial
0
°C to +70°C
Industrial1
-40
°C to +85°C
84-Pin Plastic Leaded Chip Carrier (PLCC)
SC26C198C1A
SC26C198A1A
SOT189-3
84-Pin Plastic Leaded Chip Carrier (PLCC)
SC68C198C1A
SC68C198A1A
SOT189-3
VCC = 3.3V ±10%
Commercial
0
°C to +70°C
Industrial1
-40
°C to +85°C
84-Pin Plastic Leaded Chip Carrier (PLCC)
SC26L198C1A
SC26L198A1A
SOT189-3
84-Pin Plastic Leaded Chip Carrier (PLCC)
SC68L198C1A
SC68L198A1A
SOT189-3
NOTES:
1. For availability, please contact factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com