Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C198 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC68C198 Datasheet HTML 30Page - NXP Semiconductors SC68C198 Datasheet HTML 31Page - NXP Semiconductors SC68C198 Datasheet HTML 32Page - NXP Semiconductors SC68C198 Datasheet HTML 33Page - NXP Semiconductors SC68C198 Datasheet HTML 34Page - NXP Semiconductors SC68C198 Datasheet HTML 35Page - NXP Semiconductors SC68C198 Datasheet HTML 36Page - NXP Semiconductors SC68C198 Datasheet HTML 37Page - NXP Semiconductors SC68C198 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
369
Table 46. Register Map, Data
A(7:0)
UART A
A(7:0)
Read
Write
1000 0000 (x80)
Mode Register a (MR2a)
Mode Register a (MR2a)
1000 0001 (x81)
Status Register a (SRa)
Command Register a (CRa)
1000 0010 (x82)
Interrupt Status Register a (ISRa)
Interrupt Mask Register a (IMRa)
1000 0011 (x83)
Receiver FIFO Reg a (RxFIFOa)
Transmitter FIFO Reg a (TxFIFOa)
1000 0100 (x84)
Reserved
♣ BRG Timer Reg Upper a (BRGTRUa)
1000 0100 (x84)
Input Port Reg a (IPRa)
Reserved
1000 0101 (x85)
I/O Port Interrupt and Output a I/OPIORa)
I/O Port Interrupt and Output a (I/OPIORa)
1000 0110 (x86)
Xon/Xoff Interrupt Status Reg a (XISRa)
Reserved
1000 0111 (x87)
♣ GP Out Select Reg (GPOSR)
GP Out Select Reg (GPOSR)
1000 1011 (x8B)
♣ GP Out Clk Reg (GPOC)
GP Out Clk Reg (GPOC)
1000 1100 (x8C)
♣ Current Interrupt Reg (CIR)
♣ Update CIR
1000 1101 (x8D)
Reserved
♣ BRG Timer Reg Upper b (BRGTRUb)
1000 1110 (x8E)
♣ Global Receive FIFO Reg (GRxFIFO)
♣ Global Transmit FIFO Reg (GTxFIFO)
1000 1111 (x8F)
♣ Global Chip Configuration Reg (GCCR)
♣ Global Chip Configuration Reg (GCCR)
A(7:0)
UART B
A(7:0)
Read
Write
1001 0000 (x90)
Mode Register b (MR2b)
Mode Register b (MR2b)
1001 0001 (x91)
Status Register b (SRb)
Command Register b (CRb)
1001 0010 (x92)
Interrupt Status Register b (ISRb)
Interrupt Mask Register b (IMRb)
1001 0011 (x93)
Receiver FIFO Reg b (RxFIFOb)
Transmitter FIFO Reg b (TxFIFOb)
1001 0100 (x94)
Reserved
♣ BRG Timer Reg Lower a (BRGTRLa)
1001 0100 (x94)
Input Port Reg b (IPRb)
Reserved
1001 0101 (x95)
I/O Port Interrupt and Output b (I/OPIORb)
I/O Port Interrupt and Output b (I/OPIORb)
1001 0110 (x96)
Xon/Xoff Interrupt Status Reg b (XISRb)
Reserved
1001 0111 (x97)
♣ GP Output Reg (GPOR)
♣ GP Output Reg (GPOR)
1001 1010 (x9A)
Reserved
Reserved
1001 1011 (x9B)
♣ GP Out Data Reg (GPOD)
♣ GP Out Data Reg (GPOD)
1001 1100 (x9C)
Reserved
♣ BRG Timer Control Reg (BRGCTCR)
1001 1100 (x9C)
♣ Global Interrupt Channel Reg (GICR)
Reserved
1001 1101 (x9D)
Reserved
♣ BRG Timer Reg Lower b (BRGTRLb)
1001 1101 (x9D)
♣ Global Interrupt Byte Count (GIBCR)
Reserved
1001 1110 (x9E)
Reserved
Reserved
1001 1111 (x9F)
♣ Global Interrupt Type Register (GITR)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com