Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 2 Page - Cree LED

Part # CMT1925
Description  XLamp® CMT1925 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMT1925 Datasheet(HTML) 2 Page - Cree LED

  CMT1925 Datasheet HTML 1Page - Cree LED CMT1925 Datasheet HTML 2Page - Cree LED CMT1925 Datasheet HTML 3Page - Cree LED CMT1925 Datasheet HTML 4Page - Cree LED CMT1925 Datasheet HTML 5Page - Cree LED CMT1925 Datasheet HTML 6Page - Cree LED CMT1925 Datasheet HTML 7Page - Cree LED CMT1925 Datasheet HTML 8Page - Cree LED CMT1925 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XLAMP® CMT1925 LED
© 2017-2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp® and
EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS186
REV 10
2
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (JEDEC JS-001-2012)
V
Class 3A
DC forward current
mA
1700*
Reverse current
mA
0.1
Forward voltage (@ 700 mA, 85 °C)
V
33.7
37.6
*
Refer to the Operating Limits section.
OPERATING LIMITS
The maximum current rating of the CMT1925 depends on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady-state operation. The graphs shown below assume that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Either solder pad shown in the Mechanical
Dimensions section on page 16 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light Emitting Surface (LES). Cree LED recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 17 for more
information on LES temperature measurement.
CMT1925 - Standard
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
0
25
50
75
100
125
150
Case Temperature (°C)
85 °C, 1700 mA
125 °C,
654 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com