Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1925 Datasheet(PDF) 1 Page - Cree LED

Part # CMT1925
Description  XLamp® CMT1925 LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMT1925 Datasheet(HTML) 1 Page - Cree LED

  CMT1925 Datasheet HTML 1Page - Cree LED CMT1925 Datasheet HTML 2Page - Cree LED CMT1925 Datasheet HTML 3Page - Cree LED CMT1925 Datasheet HTML 4Page - Cree LED CMT1925 Datasheet HTML 5Page - Cree LED CMT1925 Datasheet HTML 6Page - Cree LED CMT1925 Datasheet HTML 7Page - Cree LED CMT1925 Datasheet HTML 8Page - Cree LED CMT1925 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2017-2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, XLamp® and
EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS186
REV 10
1
XLamp® CMT1925 LED
PRODUCT DESCRIPTION
The XLamp® High-Current LED Array family
is optimized for best-in-class lumen output,
efficacy and reliability at high drive currents.
XLamp CMT LEDs deliver performance in
industry-compatible packages and LESes,
enabling lighting manufacturers to upgrade
their designs for applications such as track,
downlight and outdoor lighting. XLamp
High-Current LED Arrays are available in
2-step, 3-step and 5-step EasyWhite® bins.
FEATURES
• 14.5-mm optical source
• Available in 70-, 80- and 90- and
95-minimum CRI options
• EasyWhite® 2-, 3- and 5-step binning
• Premium Color 2- and 3-step binning
• Forward voltage option: 36-V class
• 85 °C binning and characterization
• Maximum drive current: 1700 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• RoHS and REACH compliant
• UL® recognized component (E349212)
TABLE OF CONTENTS
Characteristics ............................................... 2
Operating Limits............................................. 2
Flux Characteristics, EasyWhite® Order
Codes and Bins .............................................. 3
Flux Characteristics, Premium Color Order
Codes and Bins .............................................. 4
Relative Spectral Power Distribution,
EasyWhite® LEDs............................................ 5
Relative Spectral Power Distribution,
Premium Color LEDs...................................... 6
Electrical Characteristics............................... 8
Relative Luminous Flux.................................. 9
Typical Spatial Distribution............................ 9
Performance Groups - Chromaticity........... 10
Premium Color Performance Groups -
Chromaticity ................................................. 11
EasyWhite® Bins Plotted on the 1931 CIE
Color Space .................................................. 12
Premium Color Bins Plotted on the 1931
CIE Color Space............................................ 13
Bin and Order Code Formats....................... 15
Mechanical Dimensions .............................. 16
Thermal Design............................................ 17
Notes ............................................................ 18
Packaging..................................................... 19


Similar Part No. - CMT1925

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1925 LED
CMT1925-0000-000N0B0A30E CREE-CMT1925-0000-000N0B0A30E Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1925 LED
CMT1925-0000-000N0B0A40E CREE-CMT1925-0000-000N0B0A40E Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1925 LED
CMT1925-0000-000N0B0A50E CREE-CMT1925-0000-000N0B0A50E Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1925 LED
CMT1925-0000-000N0B0A57E CREE-CMT1925-0000-000N0B0A57E Datasheet
2Mb / 21P
Cree짰 XLamp짰 CMT1925 LED
More results

Similar Description - CMT1925

ManufacturerPart #DatasheetDescription
logo
Cree LED
CHA0825 CREELED-CHA0825 Datasheet
1Mb / 20P
XLamp® CHA0825 LED
REV 0
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
XLamp® CMA1303 LED
REV 2
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1306 CREELED-CMB1306 Datasheet
1Mb / 26P
XLamp® CMB1306 LED
REV 0
CMB1507 CREELED-CMB1507 Datasheet
1Mb / 26P
XLamp® CMB1507 LED
REV 0
CMB1818 CREELED-CMB1818 Datasheet
1Mb / 20P
XLamp® CMB1818 LED
REV 0
CMB3090 CREELED-CMB3090 Datasheet
1Mb / 25P
XLamp® CMB3090 LED
REV 0
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
XLamp® CXB1512 LED
REV 9A
CXB3070 CREELED-CXB3070 Datasheet
2Mb / 14P
XLamp® CXB3070 LED
REV 7A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com