Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82812PVCAR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPSM82812PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
8 Detailed Description
8.1 Overview
The TPSM8281x synchronous switch mode DC/DC converter power modules are based on a fixed-frequency
peak current-mode control topology. The control loop is internally compensated. To optimize the bandwidth of
the control loop to the wide range of output capacitance that can be used with the TPSM8281x, one of three
internal compensation settings can be selected. See Section 8.3.3. The compensation setting is selected either
by a resistor from COMP/FSET to GND, or by the logic state of this pin. The regulation network achieves fast
and stable operation with small external components and low-ESR ceramic output capacitors.
The devices support fixed-frequency forced PWM operation with the MODE/SYNC pin tied to a logic high level.
When the MODE/SYNC pin is set to a logic low level, the device operates in power save mode (PFM) at
low-output currents and automatically transitions to fixed-frequency PWM mode at higher output currents. In
PFM mode, the switching frequency decreases linearly based on the load to sustain high efficiency down to very
low output currents. The device can be synchronized to an external clock signal in a range from 1.8MHz to 4MHz
applied to the MODE/SYNC pin.
8.2 Functional Block Diagram
+
-
GND
FB
VOUT
VIN
EN
Oscillator
Gate Drive and Control
Device
Control
PG
Thermal
Shutdown
Bias
Regulator
gm
Ipeak
VFB
SS/TR
COMP/FSET
MODE
Izero
470nH
SW
Output
Discharge
Rdis
8.3 Feature Description
8.3.1 Precise Enable (EN)
The TPSM8281x starts operation when the rising EN threshold is exceeded. For proper operation, the EN pin
must be terminated and must not be left floating. Pulling the EN pin low forces the device into shutdown. In
this mode, the internal high-side and low-side MOSFETs are turned off and the entire internal control circuitry is
switched off. The voltage applied at the EN pin of the TPSM8281x is compared to a fixed threshold of 1.1V for a
rising voltage.
The enable input threshold for a falling edge is typically 100mV lower than the rising edge threshold. The Precise
Enable input provides a user-programmable undervoltage lockout by adding a resistor divider to the input of the
EN pin. The Precise Enable input also allows you to drive the pin by a slowly changing voltage and enables
www.ti.com
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com