Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82812PVCAR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSM82812PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Figure 8-1. Switching Frequency versus Output Current (VIN = 5V, VOUT = 1.8V)
8.4.3 100% Duty-Cycle Operation
The device offers a low input-to-output voltage differential by entering 100% duty cycle mode. When the
minimum off-time of typically 30 ns is reached, the TPSM8281x skips switching cycles while it approaches
100% mode. In 100% mode, the high-side MOSFET switch is constantly turned on. This is particularly useful
in battery-powered applications to achieve longest operation time by taking full advantage of the whole battery
voltage range. The minimum input voltage to maintain a minimum output voltage is given by:
VIN (min) = VOUT (min) + IOUT × RDP
(6)
where
• RDP is the resistance from VIN to VOUT, which includes the high-side MOSFET on-resistance and DC
resistance of the inductor
• VOUT (min) is the minimum output voltage the load can accept
8.4.4 Current Limit and Short Circuit Protection
The TPSM8281x is protected against overload and short circuit events. If the inductor current exceeds the
current limit ILIMH, the high-side MOSFET is turned off and the low-side MOSFET is turned on to ramp down
the inductor current. The high-side MOSFET turns on again only if the current in the low-side MOSFET has
decreased below the low-side current limit. Due to internal propagation delays, the actual current can exceed the
static current limit. The dynamic current limit is given as:
(
)
L
peak typ
LIMH
PD
V
I
I
t
L
=
+
×
(7)
where
• ILIMH is the static current limit, as specified in the electrical characteristics
• L is the effective inductance (typically 470nH)
• VL is the voltage across the inductor (VIN - VOUT)
• tPD is the internal propagation delay of typically 50ns
The dynamic peak current is calculated as follows:
(
)
50
IN
OUT
peak typ
LIMH
V
V
I
I
ns
L
-
=
+
×
(8)
The low-side MOSFET also contains a negative current limit to prevent excessive current from flowing back
through the inductor to the input. If the low-side sinking current limit is exceeded, the low-side MOSFET is turned
www.ti.com
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com