Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L194 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 17Page - NXP Semiconductors SC28L194 Datasheet HTML 18Page - NXP Semiconductors SC28L194 Datasheet HTML 19Page - NXP Semiconductors SC28L194 Datasheet HTML 20Page - NXP Semiconductors SC28L194 Datasheet HTML 21Page - NXP Semiconductors SC28L194 Datasheet HTML 22Page - NXP Semiconductors SC28L194 Datasheet HTML 23Page - NXP Semiconductors SC28L194 Datasheet HTML 24Page - NXP Semiconductors SC28L194 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
21
00110
Start break. Forces the TxD output low (spacing). If the
transmitter is empty, the start of the break condition will be
delayed up to two bit times. If the transmitter is active, the
break begins when transmission of the current character
is completed. If there are characters in the TxFIFO, the
start of break is delayed until those characters, or any
others loaded after it have been transmitted (TxEMT must
be true before break begins). The transmitter must be
enabled to start a break.
00111
Stop break. The TxD line will go high (marking) within two
bit times. TxD will remain high for one bit time before the
next character, if any, is transmitted.
01000
Assert RTSN. Causes the RTSN output to be asserted
(low).
01001
Negate RTSN. Causes the RTSN output to be negated
(high).
Note: The two commands above actually reset and
set, respectively, the I/O2 or I/O1 pin associated with
the I/OPIOR register.
01010
Reserved.
01011
Reserved.
01100
Reserved.
01101
Block error status mode. Upon reset of the device or an
individual receiver, the block mode of receiver error status
accumulates as each character moves to the bottom of
the RxFIFO, the position from which it will be read. In this
mode of operation, the RxFIFO may contain a character
with non-zero error status for some time. The status will
not reflect the error character’s presence until it is ready to
be popped from the RxFIFO. Command 01101 allows the
error status to be updated as each character is pushed
into the RxFIFO. This allows the earliest detection of a
problem character, but complicates the determination of
exactly which character is causing the error. This mode of
block error accumulation may be exited only by resetting
the chip or the individual receiver.
01111
Reserved.
10000
Transmit an Xon Character
10001
Transmit an Xoff Character
10010
Reserved for channels b-d, for channel a: enables a Gang
Write of Xon Character Registers. After this command is
issued, a write to the channel A Xon Character Register
will result in a write to all channel’s Xon character
registers. This command provides a mechanism to
initialize all the Xon Character registers with one write. A
write to channel A Xon Character Register returns the
Quad UART to the individual Xon write mode.
10011
Reserved for channels b-d, for channel a: enables Gang
Write of Xoff Character Registers. After this command is
issued, a write to the channel A Xoff Character Register
will result in a write to all channel’s Xoff character
registers. This command provides a mechanism to
initialize all the Xoff Character registers with one write. A
write to channel A Xoff Character Register returns the
Quad UART to the individual Xoff write mode.
Note: Gang writing of Xon/Xoff Character Commands: Issuing
command causes the next write to Xon/Xoff Character Register
A to effect a simultaneous write into the other 3 Xon/Xoff
character registers. After the Xon/Xoff Character Register A is
written, the 28L194 returns to individual write mode for the
Xon/Xoff Character Registers. Other intervening reads and
writes are ignored. The device resets to individual write mode.
10100
Reserved for channels b-d, for channel a: executes a
Gang Load of Xon Character Registers. Executing this
command causes a write of the value x’11 to all channel’s
Xon character registers. This command provides a
mechanism to initialize all the Xon Character registers to a
default value with one write. Execution of this command is
immediate and does not effect the timing of subsequent
host I/O operations.
10101
Reserved for channels b-d, for channel a: executes a
Gang Load of Xoff Character Registers. Executing this
command causes a write of the value x’13 to all channel’s
Xoff character registers. This command provides a
mechanism to initialize all the Xoff Character registers to a
default value with one write. Execution of this command is
immediate and does not effect the timing of subsequent
host I/O operations.
10110
Xoff resume command (CRXoffre; not active in
“Auto-Transmit Mode”). A command to cancel a previous
Host Xoff command. Upon receipt, the channel’s
transmitter will transfer a character, if any, from the
TxFIFO and begin transmission.
10111
Host Xoff command (CRXoff). This command allows tight
host CPU control of the flow control of the channel
transmitter. When interrupted for receipt of an Xoff
character by the receiver, the host may stop transmission
of further characters by the channel transmitter by issuing
the Host Xoff command. Any character that has been
transferred to the TxD shift register will complete its
transmission, including the stop bit.
11000
Cancel Host transmit flow control command. Issuing this
command will cancel a previous transmit command if the
flow control character is not yet loaded into the TxD Shift
Register. If there is no character waiting for transmission
or if its transmission has already begun, then this
command has no effect.
11001-11011
Reserved.
11011
Reset Address Recognition Status. This command clears
the interrupt status that was set when an address
character was recognized by a disabled receiver
operating in the special mode.
11100-11101
Reserved.
11110
Resets all UART channel registers. This command
provides a means to zero all the UART channels that are
not reset to x’00 by a reset command or a hardware reset.
11111
Reserved for channels b-d, for channel a: executes a chip
wide reset. Executing this command in channel a is
equivalent to a hardware reset with the RESETN pin.
Executing command register reset in channel b-d, has no
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com