Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L198 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 17Page - NXP Semiconductors SC28L198 Datasheet HTML 18Page - NXP Semiconductors SC28L198 Datasheet HTML 19Page - NXP Semiconductors SC28L198 Datasheet HTML 20Page - NXP Semiconductors SC28L198 Datasheet HTML 21Page - NXP Semiconductors SC28L198 Datasheet HTML 22Page - NXP Semiconductors SC28L198 Datasheet HTML 23Page - NXP Semiconductors SC28L198 Datasheet HTML 24Page - NXP Semiconductors SC28L198 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
21
asserted (low), the character is transmitted. If it is negated (high),
the TxD output remains in the marking state and the transmission is
delayed until CTSN goes low. Changes in CTSN, while a character
is being transmitted, do not affect the transmission of that character.
This feature can be used to prevent overrun of a remote receiver.
MR2[3:2] – RxINT control field
Controls when interrupt arbitration for a receiver begins based on
RxFIFO fill level. This field allows interrupt arbitration to begin when
the RxFIFO is full, 3/4 full, 1/2 full or when it contains at least 1
character.
MR2[1:0] – Stop Bit Length Select
This field programs the length of the stop bit appended to the
transmitted character. Stop bit lengths of 9/16, 1, 1.5 and 2 bits can
be programmed for character lengths of 6, 7, and 8 bits. For a
character length of 5 bits, 1, 1.5 and 2 stop bits can be programmed.
In all cases, the receiver only checks for a mark condition at the
center of the first stop bit position (one bit time after the last data bit,
or after the parity bit if parity is enabled). If an external 1X clock is
used for the transmitter, MR2[1] = 0 selects one stop bit and MR2[1]
= 1 selects two stop bits to be transmitted.
Table 6. RxCSR and TxCSR – Receiver and Transmitter Clock Select Registers
Both registers consist of single 5 bit field that selects the clock source for the receiver and transmitter, respectively. The unused bits in this
register read b’111. The baud rates shown in the table below are based on the x1 crystal frequency of 3.6864MHz. The baud rates shown
below will vary as the X1 crystal clock varies. For example, if the X1 rate is changed to 7.3728 MHz all the rates below will double.
Bits 7:5
Bits 4:0
Reserved
Transmitter/Receiver Clock select code, (see Clock Mux Table below)
Table 7. Data Clock Mux
CCLK maximum rate is 8MHz. Data clock rates will follow exactly the ratio of CCLK to 3.6864MHz.
Clock Select Code
CSR (4:0)
Clock selection,
CCLK = 3.6864 MHz
Clock Select Code
Clock selection,
CCLK = 3.6864 MHz
00000
BRG – 50
10000
BRG – 19.2K
00001
BRG – 75
10001
BRG – 28.8K
00010
BRG – 150
10010
BRG – 38.4K
00011
BRG – 200
10011
BRG – 57.6K
00100
BRG – 300
10100
BRG – 115.2K
00101
BRG – 450
10101
BRG – 230.4K
00110
BRG – 600
10110
GIN0
00111
BRG – 900
10111
GIN1
01000
BRG – 1200
11000
BRG C/T 0
01001
BRG – 1800
11001
BRG C/T 1
01010
BRG – 2400
11010
Reserved
01011
BRG – 3600
11011
I/O2 rcvr, I/O3 xmit –16x
01100
BRG – 4800
11100
I/O2 rcvr, I/O3 xmit–1x
01101
BRG – 7200
11101
Reserved
01110
BRG – 9600
11110
Reserved
01111
BRG – 14.4K
11111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com