Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4000 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 9Page - NXP Semiconductors SC4000 Datasheet HTML 10Page - NXP Semiconductors SC4000 Datasheet HTML 11Page - NXP Semiconductors SC4000 Datasheet HTML 12Page - NXP Semiconductors SC4000 Datasheet HTML 13Page - NXP Semiconductors SC4000 Datasheet HTML 14Page - NXP Semiconductors SC4000 Datasheet HTML 15Page - NXP Semiconductors SC4000 Datasheet HTML 16Page - NXP Semiconductors SC4000 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
2000 Sep 07
13
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Writing to the routing memory is syn-
chronized with SCbus timing. So rout-
ing information can be changed only on
time slot boundaries. All input data is
buffered in holding registers. The entire
holding register is transferred to the out-
put registers on a frame boundary basis.
All frame-bounded time slots incur a
one frame delay as they pass through the
switch. Switching data in this fashion
supports time slot bundling.
The SO outputs are tri-state controlled
on time slot boundaries by the Source
Routing Memory Switch Output Enable
Bit. This allows SO outputs from multi-
ple devices to be connected to a com-
mon line. The data sample position of
both the SCbus and the Local bus can be
selected for either 50% or 75% of the bit
cell.
In addition to switching local bus serial
data to and from the SCbus, the SC4000
provides a means of switching parallel
data through the microprocessor inter-
face to the SCbus. A frame boundary in-
terrupt helps control the timing of
parallel data accesses. Direct reading and
writing of parallel access register con-
tents makes for an efficient data transfer.
When using direct access, the control-
ling processor places the address of the
target channel on the address bus. In
this way, data can be read or written in a
single cycle. To avoid data corruption,
the application should not access the
channel for a time period defined as four
clocks before and four clocks after the
frame boundary.
The Source Routing Memory Local
Connect Enable mode allows the switch-
ing of any destination channel to
any source channel without SCbus
intervention. This mode accommodates
either serial or parallel data transfer.
Since data passes through the switch
twice in this mode, there is a two-frame
delay from input to output.
Diagnostic mode electrically disconnects
the SC4000 from the SCbus but allows
access through the local bus. This mode
is particularly useful for running board
diagnostics without upsetting the
SCbus. A Master Clock source is
required to run this mode.
The SC4000 pinout anticipates a future
version of the chip that includes an in-
ternal HDLC controller for the message
channel. To remain compatible with this
and other subsequent versions of the
SC4000, applications must write 0 to
all “Reserved (read only)” configuration
registers.
Figure 1. Destination and Source Switch Function Block
SI_[3:0]
D_[7:0]
SO_[3:0]
OUTPUT
ENABLE
INTERNAL PARALLEL
READ
SOURCE
DESTINATION
PARALLEL
ACCESS
INPUT
HOLDING
PARALLEL
O
I
OUTPUT
HOLDING REGISTER
TIMESLOT & PORT
OUTPUT ENABLE
OUTPUT
HOLDING
INPUT
HOLDING
TIMESLOT,
PORT AND LOCAL
CONNECT ENABLE
1 OF 128 SOURCE SWITCH
1 OF 128 DESTINATION SWITCH
ROUTING MEMORY
ROUTING MEMORY
REGISTER
REGISTER
REGISTER
REGISTER
SD_[15:0]
ACCESS
ACCESS
ENABLE
W/R_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com